Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC541APWR Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC541APWR
Description  SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC541APWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC541APWR Datasheet HTML 6Page - Texas Instruments SN74LVC541APWR Datasheet HTML 7Page - Texas Instruments SN74LVC541APWR Datasheet HTML 8Page - Texas Instruments SN74LVC541APWR Datasheet HTML 9Page - Texas Instruments SN74LVC541APWR Datasheet HTML 10Page - Texas Instruments SN74LVC541APWR Datasheet HTML 11Page - Texas Instruments SN74LVC541APWR Datasheet HTML 12Page - Texas Instruments SN74LVC541APWR Datasheet HTML 13Page - Texas Instruments SN74LVC541APWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
7 Detailed Description
7.1 Overview
The SNx4LVC541A contains eight buffers with 3-state outputs. The active low output enable pins (OE1 and
OE2) control all eight channels, and are configured so that both must be low for the outputs to be active.
When the outputs are enabled, the outputs are actively driven low or high.
When the outputs are disabled, the outputs are set into the high-impedance state.
7.2 Functional Block Diagram
OE1
OE2
To Seven Other Channels
A1
Y1
1
19
2
18
Copyright © 2016, Texas Instruments Incorporated
Figure 7-1. Logic Diagram (Positive Logic)
7.3 Feature Description
7.3.1 Balanced CMOS 3-State Outputs
This device includes balanced CMOS 3-state outputs: driving high, driving low, and high impedance. The term
balanced indicates that the device can sink and source similar currents. The drive capability of this device can
create fast edges into light loads, so consider routing and load conditions to prevent ringing. Additionally, the
outputs of this device can drive larger currents than the device can sustain without damage. Limit the output
power of the device to avoid damage from overcurrent. The electrical and thermal limits defined in the Absolute
Maximum Ratings must be followed at all times.
When placed into the high-impedance state, the output does not source or sink current except minor leakage
current as defined in the Electrical Characteristics table. In the high-impedance state, the device does not control
the output voltage. The output current is dependent on external factors. A floating node is a node that has no
other drivers connected, and the voltage is unknown. A pull-up or pull-down resistor can be connected to the
output to provide a known voltage at the output while the device is in the high-impedance state. The value
of the resistor depends on multiple factors, including parasitic capacitance and power consumption limitations.
Typically, a 10kΩ resistor meets these requirements.
Leave unused 3-state CMOS outputs disconnected.
7.3.2 Partial Power Down (Ioff)
This device includes circuitry to disable all outputs when the supply pin is held at 0V. When disabled, the outputs
neither source nor sink current, regardless of the input voltages. The amount of leakage current at each output is
defined by the Ioff specification in the Electrical Characteristics table.
7.3.3 Standard CMOS Inputs
This device includes standard CMOS inputs. Standard CMOS inputs are high impedance and are typically
modeled as a resistor in parallel with the input capacitance given in the Electrical Characteristics. The worst
case resistance is calculated with the maximum input voltage, given in the Absolute Maximum Ratings, and the
maximum input leakage current, given in the Electrical Characteristics, using Ohm's law (R = V ÷ I).
Standard CMOS inputs require that input signals transition between valid logic states quickly, as defined by the
input transition time or rate in the Recommended Operating Conditions table. Failing to meet this specification
SN54LVC541A, SN74LVC541A
SCAS298O – JANUARY 1993 – REVISED JUNE 2026
www.ti.com
10
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: SN54LVC541A SN74LVC541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com