Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS339 Datasheet(PDF) 2 Page - Globaltech Semiconductor Co.,Ltd

Part # GS339
Description  Single Supply Quad Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS339 Datasheet(HTML) 2 Page - Globaltech Semiconductor Co.,Ltd

  GS339 Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.gs-power.com
Ordering Information
GS 339 P F
GS Brand Name
Part Number
Package Code
Pb Free Code
Device
Package
Quantity Reel
GS339SF
SOP-14
4000 PCS
Marking Information
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±18 or 36
V
VDI
Differential Input Voltage
±36
V
VIN
Input Voltage
36
V
Output Short-circuit to Ground (Note1)
Infinite
PD
Power Dissipation
SOP-14
0.83
W
TA
Operating Temperature Range
-40 to 85
ºC
TSTG
Storage temperature Range
-65 to 150
ºC
θJA
Junction to Ambient Thermal Resistance
SOP-14
150
ºC/W
θJC
Junction to Case Thermal Resistance
SOP-14
23
ºC/W
ESD
ESD Rating (HBM)
2K
V
Note 1:
Short-circuit from the output to VCC+ can cause excessive heating and eventual destruction.
The maximum output current is approximately 20mA independent of the magnitude of VCC+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com