Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS339 Datasheet(PDF) 3 Page - Globaltech Semiconductor Co.,Ltd

Part # GS339
Description  Single Supply Quad Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS339 Datasheet(HTML) 3 Page - Globaltech Semiconductor Co.,Ltd

  GS339 Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.gs-power.com
Electrical Characteristics
at specified free-air temperature, VCC=5V (unless otherwise noted)
Symbol
Parameter
Test conditions*
Min
Typ
Max
Unit
VIO
Input offset
voltage
VCC = 5 V to 30V,
VIC = VICR min,
VO=1.4 V
25 ºC
2
5
mV
Full range
9
IIO
Input offset
current
VO =1.4V
25 ºC
5
50
nA
Full range
150
IIB
Input bias
current
VO =1.4V
25 ºC
25
250
nA
Full range
400
VICR
Common-mode
input voltage
range**
25 ºC
0 to VCC -1.5
V
Full range
0 to VCC
-2.0
AVD
Large-signal
differential
voltage
amplification
VCC = 15 V,
Vo=1.4V to 11.4V,
RL ≥15 kΩ to VCC
25 ºC
50
200
V/mV
lOH
High-level
output current
VOH = 5 V, VID =1V,
25 ºC
0.1
50
nA
VOH = 30V, VID =1V
Full range
1
µA
VOL
Low-level
output voltage
IOL = 4 mA, VID=-1V
25 ºC
150
400
mV
Full range
700
lOL
Low-level
output current
VOL= 1.5V, VID =-1V
25 ºC
6
mA
ICC
Supply current
RL =∞
VCC=5V
25 ºC
0.8
2
mA
VCC=30V
Full range
2.5
* Full range (MIN to MAX), for the GS339 is -40ºC to 85ºC. All characteristics are measured with zero
common-mode input voltage unless otherwise specified.
* The voltage at either input or common-mode should not be allowed to go negative by more than 0.3V. The upper
end of the common-mode voltage range is VCC -1.5V, but either or both inputs can go to 30V without damage
.
Switching Characteristics
VCC=5V, TA=25 °C
Parameter
Test conditions
Typ
Unit
Response
time
RL connected to 5V through
5.1 kΩ, CL=15pF (Note 1 )
100-mV input step with 5-mV
overdrive
1.3
µs
TTL-level input step
0.3
Note 1:
CL includes probe and jig capacitance.
Note 2:
The response time specified is the interval between the input step function and the instant when the output
crosses 1.4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com