Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS339 Datasheet(PDF) 4 Page - Globaltech Semiconductor Co.,Ltd

Part # GS339
Description  Single Supply Quad Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS339 Datasheet(HTML) 4 Page - Globaltech Semiconductor Co.,Ltd

  GS339 Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.gs-power.com
Typical Performance Characteristics
Input Current
Low Level Output Voltage
C
10
0
80
60
40
20
20
40
Vcc-SUPPLY VOLTAGE(V)
30
TA=+25
C
TA=0
TA=+75
C
C
TA=+25
10
IOL-OUTPUT CURRENT(mA)
100
1.0
0.01
0.1
1.0
10
0.01
0.1
0.001
OUT OF SATURATION
Response Time For Various Input
Overdrives – Positive Transition
Response Time For Various Input
Overdrives – Negative Transition
TIME( sec)
100mV=INPUT OVERDRIVE
20mV
5mV
50
0
0
0.5
1.0
1.5
2.0
100
0
6.0
4.0
2.0
VOUT
5.1K
+5V
VIN
TA=+25 C
2.0
4.0
6.0
0
0
2.0
1.5
1.0
0.5
0
TIME( sec)
-100
-50
TA=+25 C
VIN
+5V
5.1K
VOUT
5mV=INPUT OVERDRIVE
20mV
100mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com