Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS339 Datasheet(PDF) 5 Page - Globaltech Semiconductor Co.,Ltd

Part # GS339
Description  Single Supply Quad Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS339 Datasheet(HTML) 5 Page - Globaltech Semiconductor Co.,Ltd

  GS339 Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.gs-power.com
Typical Applications (VCC=5V)
These quad comparators feature high gain, wide bandwidth characteristic. This gives the device oscillation
tendencies if the outputs are capacitively coupled to the inputs via stray capacitance.
This oscillation manifests itself during output transitions (VOL to VOH). To alleviate this situation, input resistors<
10kΩ should be used.
The addition of positive feedback (<10mV) is also recommended. It is good design practice to ground all unused
pins.
Differential input voltages may be larger than supply voltage without damaging the comparator’s input. Voltage is
more negative than -0.3V should not be used.
Inverting Comparator With Hysteresis
+VCC
+VCC
VIN
VOUT
VREF
RREF
R3
10k
R2
R1
R2 >> RREF Ι Ι R1
R3
≒ R1 ΙΙ RREF ΙΙ R2
VREF
≒ VCC × R1 / ( RREF + R1 )
Amount of Hysteresis
VH = (R1 Ι Ι RREF / R1 Ι Ι RREF + R2)
× [ VOUT(MAX) - VOUT(MIN)]
Non-Inverting Comparator With Hysteresis
+VCC
VIN
VOUT
RREF
10k
R3
R2
R1
VREF
R2
≒ RREF ΙΙ R1
R3
≒ R1 ΙΙ RREF ΙΙ R2
VREF
≒ VCC × R1 / ( RREF + R1 )
Amount of Hysteresis
VH = [ R2 / ( R2 + R3 ) ]
× [ VOUT(MAX) - VOUT(MIN) ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com