Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS339 Datasheet(PDF) 6 Page - Globaltech Semiconductor Co.,Ltd

Part # GS339
Description  Single Supply Quad Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS339 Datasheet(HTML) 6 Page - Globaltech Semiconductor Co.,Ltd

Back Button GS339 Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 10Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.gs-power.com
Typical Application (Continue)
Square-Wave Oscillator
Pulse Generator
VCC
VOUT
100k
75pF
100k
4.3k
100k
100k
VCC
0
1
4 100kHz
1/4 GS339
VCC
VOUT
1M
80pF
1M
15k
1M
R2=100k
VCC
R1=1M
VCC
D1*
D2
60
µs
6
µs
*For large ratios of R1 / R2, D1 can be omitted
1N914
t0 t1
t2
1/4 GS339
Two-Decade High Frequency Voltage Controlled Oscillator(Vco)
20k
20k
100k
500pF
30k
5.1k
0.01uF
700k
3k
1
2
(-Vcc)
1
2
(+Vcc)
OUTPUT1
OUTPUT2
+VCONTROL
FREQUENCY
CONTROL
VOLTAGE
INPUT
+Vcc
+Vcc
1/4 GS339
1/4 GS339
1/4 GS339
50k
+250mV
≦ Vc ≦ +50V ; 700Hz ≦ fo ≦ 100kHz
Crystal Controlled Oscillator
Driving CMOS
VCC
VOUT
0.1uF
20k
2.0k
100k
200k
CRYSTAL
1 - 100 kHz
1/4 GS339
VCC
100k
1/4 GS339
1/4 MM54Cxx
3
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com