Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS339 Datasheet(PDF) 1 Page - Globaltech Semiconductor Co.,Ltd

Part # GS339
Description  Single Supply Quad Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS339 Datasheet(HTML) 1 Page - Globaltech Semiconductor Co.,Ltd

  GS339 Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
www.gs-power.com
Single Supply Quad Comparator
Product Description
Features
The GS339 consists of four independent precision
voltage
comparators.
These
were
designed
specifically to operate from a single power supply
over a wide range of voltages.
Operation from split power supplies is also
possible and the low power supply current drain is
independent of the magnitude of the power supply
voltage. These comparators also have a unique
characteristic in that the input common-mode
voltage range includes ground, even though
operated from a single power supply voltage.
Wide supply Voltage range: 2.0V to 36V.
Low supply current drain independent of
supply voltage.
Low input biasing current: 25 nA typ.
Low input offset current: 5 nA typ.
Low input offset voltage: 2 mV typ.
Input common-mode voltage range includes
GND.
Differential input voltage range equal to the
power supply voltage
Low output saturation voltage.
Output voltage compatible with TTL, MOS
and CMOS logic.
Applications
Application areas include limit comparators, simple
analog to digital converters; pulse, square wave
and time delay generators; wide range VCO;
multivibrators and high voltage digital logic gates.
Packages & Pin Assignments
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
C
D
OUTPUT B
OUTPUT A
VCC
GND
IN- A
IN+ A
OUTPUT C
OUTPUT D
IN+ B
IN- B
IN+ D
IN- D
IN+ C
IN- C


Similar Part No. - GS339

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GS339 MALLORY-GS339 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
More results

Similar Description - GS339

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2901 NJRC-NJM2901 Datasheet
184Kb / 5P
SINGLE-SUPPLY QUAD COMPARATOR
logo
System Logic Semiconduc...
SL339 SLS-SL339 Datasheet
41Kb / 4P
Quad Single Supply Comparator
logo
List of Unclassifed Man...
IL339 ETC-IL339 Datasheet
132Kb / 4P
Quad Single Supply Comparator
logo
KODENSHI_AUK CORP.
KK339 KODENSHI-KK339 Datasheet
229Kb / 5P
Quad Single Supply Comparator
KK2901 KODENSHI-KK2901 Datasheet
253Kb / 5P
Quad Single Supply Comparator
logo
IK Semicon Co., Ltd
IL339 IKSEMICON-IL339 Datasheet
253Kb / 5P
Quad Single Supply Comparator
IL2901 IKSEMICON-IL2901 Datasheet
450Kb / 12P
Quad Single Supply Comparator
IL339 IKSEMICON-IL339_11 Datasheet
202Kb / 5P
Quad Single Supply Comparator
IL2901 IKSEMICON-IL2901_11 Datasheet
396Kb / 12P
Quad Single Supply Comparator
logo
New Japan Radio
NJM2901C NJRC-NJM2901C Datasheet
771Kb / 6P
SINGLE-SUPPLY QUAD COMPARATOR
ver.06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com