Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS339 Datasheet(PDF) 10 Page - Globaltech Semiconductor Co.,Ltd

Part # GS339
Description  Single Supply Quad Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS339 Datasheet(HTML) 10 Page - Globaltech Semiconductor Co.,Ltd

Back Button GS339 Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 10Page - Globaltech Semiconductor Co.,Ltd GS339 Datasheet HTML 11Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
www.gs-power.com
Package Dimension
SOP-14 PLASTIC PACKAGE
A1
A A2
E1/2
E1
D
b
E
E/2
PIN 1
MARKING
c
h
R1
R
GAUGE
PLANE
L2
θ
θ1
θ2
θ1
e
Dimensions
SYMBOL
Millimeters
Inches
MIN
MAX
MIN
MAX
A
1.35
1.75
.053
.069
A1
0.10
0.25
.004
.010
A2
1.25
1.65
.049
.065
b
0.31
0.51
.012
.020
b1
0.28
0.48
.011
.019
c
0.17
0.25
.007
.010
D
8.65 (TYP)
.341 (TYP)
E
6.00 (TYP)
.236 (TYP)
E1
3.90 (TYP)
.154 (TYP)
e
1.27 (TYP)
.050 (TYP)
L
0.40
1.27
.016
.050
L1
1.04 (TYP)
.041 (TYP)
L2
0.25 (TYP)
.010 (TYP)
R
0.07
-
.003
-
R1
0.07
-
.003
-
h
0.25
0.50
.010
.020
θ
0°
8°
0°
8°
θ
1
5°
15°
5°
15°
θ
2
0°
-
0
8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com