| Electronic Components Datasheet Search |
|
RZ/G2H Datasheet(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G2H Datasheet(HTML) 26 Page - Renesas Technology Corp |
|
26 / 169 page ![]() RZ/G Series, 2nd Generation Datasheet Section 1 Overview R01DS0483EJ0101 Rev.1.01 Page 26 of 169 Jun 30, 2025 Item Description Serial communication interface with FIFO (SCIF) (For All Products) Overall specification • 6 channels • Asynchronous, clock-synchronized modes • Asynchronous serial communication mode The SCIF performs serial data communication based on a character- by-character asynchronous system. This feature enables serial data communication with standard asynchronous communication chips that support Universal Asynchronous Receiver/Transmitter (UART) or Asynchronous Communication Interface Adapter (ACIA). There is a choice of eight serial data transfer formats. — Data length: 7 bits or 8 bits — Stop bits: 1 bit or 2 bits — Parity: Even/odd/none — Receive error detection: Parity, framing, and overrun errors — Break detection: A break is detected when a framing error lasts for more than 1 frame length at Space 0 (low level). When a framing error occurs, a break can also be detected by reading the RX pin level directly from the serial port register (SCSPTR). • Clock synchronous serial communication mode The SCIF performs serial data communication synchronized with a clock. This feature enables serial data communication with other LSIs that support synchronous communication. There is a single serial data communication format for clock synchronous serial communication. — Data length: 8 bits — Receive error detection: Overrun errors • Full-duplex communication capability The SCIF has an independent transmitter and receiver that enable simultaneous transmission and reception. The transmitter and receiver both have a 16-stage FIFO buffer structure, enabling continuous serial data transmission and reception. • On-chip baud rate generator, enabling any bit rate to be selected The SCIF enables choice of a clock source for transmission/reception: a clock from the on-chip baud rate generator based on the internal clock or an external clock. • Eight interrupt sources The SCIF has eight types of interrupt sources. receive-data-ready, receive-FIFO-data-full, break, transmit-FIFO-data-empty, transmit- end, receive-error, overrun-error and time-out and enables any of them to be requested independently. • DMA data transfer When the transmit FIFO register is empty or the receive FIFO register has received data, issuing a DMA transfer request activates the DMA controller (DMAC) to execute a data transfer. • In asynchronous mode using channels 0, 1, 3, and 4, modem control functions (RTS and CTS) are stored. • RTS and CTS are not implemented for SCIF2 and SCIF5. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |