Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8SLVP1212 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 8SLVP1212
Description  Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8SLVP1212 Datasheet(HTML) 3 Page - Renesas Technology Corp

  8SLVP1212 Datasheet HTML 1Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 2Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 3Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 4Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 5Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 6Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 7Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 8Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
R31DS0036EU0300 MAY 20, 2021
3
©2021 Renesas Electronics Corporation
8SLVP1212 Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of the product at these conditions or any conditions beyond those listed in the DC Characteristics or
AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
NOTE 1: According to JEDEC/JESD 22-A114/22-C101. ESD ratings are target specifications.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
Table 4B. Power Supply DC Characteristics, VCC = 2.5V ± 5%, VEE = 0V, TA = -40°C to 85°C
Table 4C. LVCMOS/LVTTL DC Characteristics, VCC = 3.3V ± 5% or 2.5V ± 5%, VEE = 0V, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Outputs, IO (LVPECL)
Continuous Current
Surge Current
50mA
100mA
Maximum Junction Temperature, TJ,MAX
125 C
Storage Temperature, TSTG
-65C to 150C
ESD - Human Body Model (NOTE 1)
2000V
ESD - Charged Device Model (NOTE 1)
500V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Power Supply Voltage
3.135
3.3V
3.465
V
IEE
Power Supply Current
110
131
mA
ICC
Power Supply Current
Q[0:11] terminated 50 ±1% to
VCC – 2V
490
550
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Power Supply Voltage
2.375
2.5V
2.625
V
IEE
Power Supply Current
104
124
mA
ICC
Power Supply Current
Q[0:11] terminated 50 ±1% to
VCC – 2V
490
550
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VCC = 3.465V
2.2
VCC + 0.3
V
VCC = 2.625V
1.7
VCC + 0.3
V
VIL
Input Low Voltage
VCC = 3.465V
-0.3
0.8
V
VCC = 2.625V
-0.3
0.7
V
IIH
Input High Current
SEL
VCC = VIN = 3.465V or 2.625V
150
µA
IIL
Input Low Current
SEL
VCC = 3.465V or 2.625V, VIN = 0V
-10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com