Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8SLVP1212 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 8SLVP1212
Description  Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8SLVP1212 Datasheet(HTML) 2 Page - Renesas Technology Corp

  8SLVP1212 Datasheet HTML 1Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 2Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 3Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 4Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 5Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 6Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 7Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 8Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
R31DS0036EU0300 MAY 20, 2021
2
©2021 Renesas Electronics Corporation
8SLVP1212 Datasheet
Table 1. Pin Descriptions
NOTE: Pulldown and Pullup refers to an internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Table
Table 3. SEL Input Section Function Table
NOTE: SEL is an asynchronous control.
Number
Name
Type
Description
1
SEL
Input
Pulldown
Reference select control. See Table 3A for function.
LVCMOS/LVTTL interface levels.
2
PCLK1
Input
Pulldown
Non-inverting LVPECL differential clock/data input.
3
nPCLK1
Input
Pulldown/Pullup
Inverting LVPECL differential clock/data input.
4, 10
nc
Unused
Do not connect.
5, 6, 11, 20,
31, 40
VCC
Power
Power supply pins.
7
VREF
Output
Bias voltage reference.
8
nPCLK0
Input
Pulldown/Pullup
Inverting LVPECL differential clock/data input.
9
PCLK0
Input
Pulldown
Non-inverting LVPECL differential clock/data input.
12, 13
Q0, nQ0
Output
Differential output pair 0. LVPECL interface levels.
14, 15
Q1, nQ1
Output
Differential output pair 1. LVPECL interface levels.
16, 17
Q2, nQ2
Output
Differential output pair 2. LVPECL interface levels.
18, 19
Q3, nQ3
Output
Differential output pair 3. LVPECL interface levels.
21, 30
VEE
Power
Negative power supply pins.
22, 23
Q4, nQ4
Output
Differential output pair 4. LVPECL interface levels.
24, 25
Q5, nQ5
Output
Differential output pair 5. LVPECL interface levels.
26, 27
Q6, nQ6
Output
Differential output pair 6. LVPECL interface levels.
28, 29
Q7, nQ7
Output
Differential output pair 7. LVPECL interface levels.
32, 33
Q8, nQ8
Output
Differential output pair 8. LVPECL interface levels.
34, 35
Q9, nQ9
Output
Differential output pair 9. LVPECL interface levels.
36, 37
Q10, nQ10
Output
Differential output pair 10. LVPECL interface levels.
38, 39
Q11, nQ11
Output
Differential output pair 11. LVPECL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2
pF
RPULLDOWN
Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k
Input
Operation
SEL
0 (default)
PCLK0, nPCLK0 is the selected differential clock input
1
PCLK1, nPCLK1 is the selected differential clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com