Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8SLVP1212 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 8SLVP1212
Description  Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8SLVP1212 Datasheet(HTML) 5 Page - Renesas Technology Corp

  8SLVP1212 Datasheet HTML 1Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 2Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 3Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 4Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 5Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 6Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 7Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 8Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
R31DS0036EU0300 MAY 20, 2021
5
©2021 Renesas Electronics Corporation
8SLVP1212 Datasheet
AC Electrical Characteristics
Table 5. AC Electrical Characteristics, VCC = 3.3V ± 5% or 2.5V ± 5%, VEE = 0V, TA = -40°C to 85°C
NOTES on next page.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fREF
Input
Frequency
PCLK[0:1],
nPCLK[0:1]
2
GHz
V/t
Input
Edge Rate
PCLK[0:1],
nPCLK[0:1]
1.5
V/ns
tPD
Propagation Delay; NOTE 1
PCLKx, nPCLKx to any Qx, nQx
for VPP = 0.1V or 0.3V
230
360
550
ps
MUX_ISOLATION MUX Isolation
fREF = 100MHz
70
dB
tsk(o)
Output Skew; NOTE 2, 3
17
33
ps
tsk(p)
Pulse Skew
fREF = 100MHz
10
50
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
150
ps
tJIT
Buffer Additive Phase Jitter,
RMS; refer to Additive Phase
Jitter Section
fREF = 122.88MHz,
Square Wave, VPP = 0.8V,
Integration Range: 1kHz– 40MHz
90
fs
fREF = 122.88MHz,
Square Wave, VPP = 0.8V, Integration
Range: 10kHz – 20MHz
60
fs
fREF = 122.88MHz,
Square Wave, VPP = 0.8V, Integration
Range: 12kHz – 20MHz
55
fs
fREF = 156.25MHz,
Square Wave, VPP = 1V, Integration
Range: 1kHz– 40MHz
61
76
fs
fREF = 156.25MHz,
Square Wave, VPP = 1V, Integration
Range: 10kHz – 20MHz
45
60
fs
fREF = 156.25MHz,
Square Wave, VPP = 1V, Integration
Range: 12kHz – 20MHz
45
60
fs
fREF = 156.25MHz
Square Wave, VPP = 0.5V, Integration
Range: 1kHz– 40MHz
60
90
fs
fREF = 156.25MHz,
Square Wave, VPP = 0.5V, Integration
Range: 10kHz – 20MHz
45
80
fs
fREF = 156.25MHz,
Square Wave, VPP = 0.5V, Integration
Range: 12kHz – 20MHz
45
80
fs
tR / tF
Output Rise/ Fall Time
20% to 80%
70
110
170
ps
VPP
Differential Input Voltage;
NOTE 5, 7
f < 1.5GHz
0.1
1.5
V
f > 1.5GHz
0.2
1.5
V
VCMR
Common Mode Input
Voltage; NOTE 5, 6, 7
1.0
VCC – 0.3
V
VO(pp)
Output Voltage Swing,
Peak-to-Peak
VCC = 3.3V ± 5%, fREF 2GHz
0.45
0.68
0.90
V
VCC = 2.5V ± 5%, fREF 2GHz
0.45
0.68
0.90
V
VDIFF_OUT
Differential Output Voltage
Swing, Peak-to-Peak
VCC = 3.3V ± 5%, fREF 2GHz
0.9
1.36
1.8
V
VCC = 2.5V ± 5%, fREF 2GHz
0.9
1.36
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com