Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8SLVP1212 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 8SLVP1212
Description  Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8SLVP1212 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 8SLVP1212 Datasheet HTML 16Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 17Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 18Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 19Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 20Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 21Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 22Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 23Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
R31DS0036EU0300 MAY 20, 2021
21
©2021 Renesas Electronics Corporation
8SLVP1212 Datasheet
Reliability Information
Table 9. JA vs. Air Flow Table for a 40-VFQFPN
Transistor Count
The transistor count for the 8SLVP1212 is: 7748
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website (see Ordering Information
for POD links). The package information is the most current data available and is subject to change without revision of this document.
Ordering Information
Table 10. Ordering Information
Table 11. Pin 1 Orientation in Tape and Reel Packaging
JA at 0 Air Flow
Meters per Second
0
1
2
Multi-Layer PCB, JEDEC Standard Test Boards
38.1°C/W
32.0°C/W
29.9°C/W
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
8SLVP1212ANLGI
IDT8SLVP1212ANLGI
6.0 × 6.0 mm 40-VFQFPN
Tray
-40°C to +85°C
8SLVP1212ANLGI8
IDT8SLVP1212ANLGI
Tape & Reel,
pin 1 orientation: EIA-481-C
-40°C to +85°C
8SLVP1212ANLGI/W
IDT8SLVP1212ANLGI
Tape & Reel,
pin 1 orientation: EIA-481-D
-40°C to +85°C
Part Number Suffix
Pin 1 Orientation
Illustration
8
Quadrant 1 (EIA-481-C)
/W
Quadrant 2 (EIA-481-D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com