Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8SLVP1212 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 8SLVP1212
Description  Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8SLVP1212 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 8SLVP1212 Datasheet HTML 13Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 14Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 15Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 16Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 17Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 18Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 19Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 20Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
R31DS0036EU0300 MAY 20, 2021
17
©2021 Renesas Electronics Corporation
8SLVP1212 Datasheet
Termination for 2.5V LVPECL Outputs
Figure 6A and Figure 6B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating 50
to VCC – 2V. For VCC = 2.5V, the VCC – 2V is very close to ground
level. The R3 in Figure 6B can be eliminated and the termination is
shown in Figure 6C.
Figure 6A. 2.5V LVPECL Driver Termination Example
Figure 6C. 2.5V LVPECL Driver Termination Example
Figure 6B. 2.5V LVPECL Driver Termination Example
2.5V LVPECL Driver
VCC = 2.5V
2.5V
2.5V
50
50
R1
250
R3
250
R2
62.5
R4
62.5
+
–
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
50
R1
50
R2
50
+
–
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
50
R1
50
R2
50
R3
18
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com