Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8SLVP1212 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 8SLVP1212
Description  Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8SLVP1212 Datasheet(HTML) 4 Page - Renesas Technology Corp

  8SLVP1212 Datasheet HTML 1Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 2Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 3Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 4Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 5Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 6Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 7Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 8Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
R31DS0036EU0300 MAY 20, 2021
4
©2021 Renesas Electronics Corporation
8SLVP1212 Datasheet
Table 4D. LVPECL DC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
NOTE: Input and output parameters vary 1:1 with VCC.
NOTE 1: VREF is for 3.3V±5% VCC only. To obtain a bias voltage for VCC = 2.5V±5% application, an external voltage supply is recommended.
NOTE 2: Outputs terminated with 50 to VCC – 2V.
Table 4E. LVPECL DC Characteristics, VCC = 2.5V ± 5%, VEE = 0V, TA = -40°C to 85°C
NOTE: Input and output parameters vary 1:1 with VCC.
NOTE 1: VREF is for 3.3V±5% VCC only. To obtain a bias voltage for VCC = 2.5V±5% application, an external voltage supply is recommended.
NOTE 2: Outputs terminated with 50 to VCC – 2V.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High
Current
PCLK0, nPCLK0
PCLK1, nPCLK1
VCC = VIN = 3.465V
150
µA
IIL
Input Low
Current
PCLK0, PCLK1
VCC = 3.465V, VIN = 0V
-10
µA
nPCLK0, nPCLK1
VCC = 3.465V, VIN = 0V
-150
µA
VREF
Reference Voltage for Input
Bias; NOTE 1
IREF = 2mA
VCC – 1.6
VCC – 1.26
VCC – 1.1
V
VOH
Output High Voltage; NOTE 2
VCC – 1.26
VCC – 0.84
VCC – 0.6
V
VOL
Output Low Voltage; NOTE 2
VCC – 1.7
VCC – 1.5
VCC – 1.28
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High
Current
PCLK0, nPCLK0
PCLK1, nPCLK1
VCC = VIN = 2.625V
150
µA
IIL
Input Low
Current
PCLK0, PCLK1
VCC = 2.625V, VIN = 0V
-10
µA
nPCLK0, nPCLK1
VCC = 2.625V, VIN = 0V
-150
µA
VREF
Reference Voltage for Input
Bias; NOTE 1
IREF = 2mA
VCC – 1.6
VCC – 1.26
VCC – 1.1
V
VOH
Output High Voltage; NOTE 2
VCC – 1.26
VCC – 0.84
VCC – 0.6
V
VOL
Output Low Voltage; NOTE 2
VCC – 1.7
VCC – 1.47
VCC – 1.28
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com