Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 8 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 8 Page - ams AG

Back Button AS5134 Datasheet HTML 4Page - ams AG AS5134 Datasheet HTML 5Page - ams AG AS5134 Datasheet HTML 6Page - ams AG AS5134 Datasheet HTML 7Page - ams AG AS5134 Datasheet HTML 8Page - ams AG AS5134 Datasheet HTML 9Page - ams AG AS5134 Datasheet HTML 10Page - ams AG AS5134 Datasheet HTML 11Page - ams AG AS5134 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
8 - 29
AS5134
Data Sheet - D e ta i l e d D e s c r i p t i o n
7 Detailed Description
Connecting the AS5134
The AS5134 can be connected to an external controller in several ways as listed below:
Serial 3-wire R/W connection
Serial 3-wire Read-only connection
Serial 2-Wire connection (R/W Mode)
Serial 2-Wire Differential SSI connection
1-Wire PWM connection
Analog output
Analog Sin/Cos outputs with external interpolator
Quadrature A/B/Index output
Brushless DC Motor Commutation Mode
Serial 3-Wire R/W Connection
In this mode, the AS5134 is connected to the external controller via three signals: Chip Select (CS), Clock (DCLK)
inputs and bi-directional DIO (Data In/Out) output. The controller sends commands over the DIO pin at the beginning of
each data transmission sequence, such as reading the angle or putting the AS5134 in and out of the reduced power
modes.
Figure 3. SSI Read/Write Serial Data Transmission
A pull-down resistor (as shown in Figure 4) is not required. C1 and C2 are hardware configuration inputs. C1 must
always be connected to VSS, C2 selects 3-wire mode (C2 = low) or 2-wire mode (C2 = high).
+5V
VDD
VDD
CS
DCLK
DIO
VSS
VSS
C2
100n
VSS
VDD
I/O
Output
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com