Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 16 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 16 Page - ams AG

Back Button AS5134 Datasheet HTML 12Page - ams AG AS5134 Datasheet HTML 13Page - ams AG AS5134 Datasheet HTML 14Page - ams AG AS5134 Datasheet HTML 15Page - ams AG AS5134 Datasheet HTML 16Page - ams AG AS5134 Datasheet HTML 17Page - ams AG AS5134 Datasheet HTML 18Page - ams AG AS5134 Datasheet HTML 19Page - ams AG AS5134 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
16 - 29
AS5134
Data Sheet - D e ta i l e d D e s c r i p t i o n
AS5134 Programming
The AS5134 offers the following user programmable options:
Zero Position Programming
This programming option allows the user to program any rotation angle of the magnet as the new zero position. This
useful feature simplifies the assembly process as the magnet does not need to be mechanically adjusted to the
electrical zero position. It can be assembled in any rotation angle and later matched to the mechanical zero position by
zero position programming. The 8,5-bit user programmable zero position can be applied both temporarily (command
WRITE OTP, #31) or permanently (command PROG OTP, #25).
Magnetic Field Optimization
This programming option allows the user to match the vertical distance of the magnet with the optimum magnetic field
range of the AS5134 by setting the sensitivity level. The 2-bit user programmable sensitivity setting can be applied
both temporarily (command WRITE OTP, #31) or permanently (command PROG OTP, #25).
Low/Mid Power Mode
Mid Power Mode is a power saving mode with fast start-up. In Mid Power Mode, all internal digital registers are frozen
and the power consumption is reduced to max. 1,5 mA. Start-up from this mode to normal operation can be
accomplished within 250µs. This mode is recommended for applications, where mid power, but fast start-up and short
reading cycle intervals are required.
OTP Programming Connection
Programming of the AS5134 OTP memory does not require a dedicated programming hardware. The programming
can be simply accomplished over the serial 3-wire interface(see Figure 12) or the optional 2-wire interface(see Figure
5). For permanent programming (command PROG OTP, #25), a constant DC voltage of 8.0 – 8.5V (=100mA) must be
connected to pin 1 (PROG). For temporary OTP write (“soft write”; command WRITE OTP, #31), the programming
voltage is not required.
Figure 12. OTP Programming Connection
Programming Verification
After programming, the programmed OTP bits may be verified in two ways:
By Digital Verification: This is simply done by sending a READ OTP command (#15). The structure of this register is
the same as for the OTP PROG or OTP WRITE commands.
By Analog Verification: By sending an ANALOG OTP READ command (#9), pin PROG becomes an output, sending
an analog voltage with each clock, representing a sequence of the bits in the OTP register. A voltage of <500mV
indicates a correctly programmed bit (“1”) while a voltage level between 2.2V and 3.5V indicates a correctly
unprogrammed bit (“0”). Any voltage level in between indicates improper programming.
+5V
VDD
VDD
CS
DCLK
DIO
VSS
VSS
C2
100n
VSS
VDD
I/O
Output
Output
PROG
8.0 – 8.5V
10µF100n
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com