Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 6 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 6 Page - ams AG

Back Button AS5134 Datasheet HTML 2Page - ams AG AS5134 Datasheet HTML 3Page - ams AG AS5134 Datasheet HTML 4Page - ams AG AS5134 Datasheet HTML 5Page - ams AG AS5134 Datasheet HTML 6Page - ams AG AS5134 Datasheet HTML 7Page - ams AG AS5134 Datasheet HTML 8Page - ams AG AS5134 Datasheet HTML 9Page - ams AG AS5134 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
6 - 29
AS5134
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
VPROG
Programming Voltage
Static voltage at pin Prog
8.0
8.5
V
IPROG
Programming Current
100
mA
TambPROG
Programming ambient
temperature
During programming
0
85
ºC
tPROG
Programming time
Timing is internally generated
2
4
µs
VR,prog
Analog readback voltage
During analog readback mode at pin
Prog
0.5
V
VR,unprog
2,2
3,5
Hall Element Sensitivity Options
sens
Hall Element sensitivity setting
sens = 00 (default;
high sensitivity)
1.65
X
sens = 01
1.88
sens = 10
2.11
sens = 11 (low sensitivity)
2.35
DC Characteristics of Digital Inputs and Outputs
CMOS Inputs: DDCLK, CS, DIO, C1, C2
VIH
High level input voltage
0.7*VD
D
V
VIL
Low level input voltage
0.3
V
ILEAK
Input leakage current
1µA
CMOS Outputs: DIO, PWM, DX
VOH
High level output voltage
Source current < 4mA
VDD-
0.5
V
VOL
Low level output voltage
Sink current < 4mA
VSS+0.4
V
CL
Capacitive load
35
pF
CMOS Tristate Output: DIO
IOZ
Tristate leakage current
CS = low
1
µA
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com