Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 23 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 23 Page - ams AG

Back Button AS5134 Datasheet HTML 19Page - ams AG AS5134 Datasheet HTML 20Page - ams AG AS5134 Datasheet HTML 21Page - ams AG AS5134 Datasheet HTML 22Page - ams AG AS5134 Datasheet HTML 23Page - ams AG AS5134 Datasheet HTML 24Page - ams AG AS5134 Datasheet HTML 25Page - ams AG AS5134 Datasheet HTML 26Page - ams AG AS5134 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
23 - 29
AS5134
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8 Application Information
Benefits of AS5134
Complete system-on-chip, no angle calibration required
Flexible system solution provides absolute serial, ABI, UVW and PWM outputs
Ideal for applications in harsh environments due to magnetic sensing principle
High reliability due to non-contact sensing
Robust system, tolerant to horizontal misalignment, airgap variations, temperature variations and external mag-
netic fields
Figure 17. Typical Arrangement of AS5134 and Magnet
AS5134 Parameter and Features List
Table 10. Parameter and Features List
Parameter
AS5134
Supply Voltage
4.5 to 5.5 V
Resolution
8.5 bit (360 steps, 1º per step)
Incremental outputs (ABI)
ABI quadrature: 90 ppr, (default)
step/direction: 180 ppr (OTP option)
fixed pulse width: 360ppr (tbd)
BLDC outputs
UVW ; selectable for 1,2,3,4,5,6, pole pairs
Absolute output
Serial 2-wire (DCLK,DIO) with timeout sync
Serial 3-wire (DCLK, CS, DIO)
PWM output
Daisy Chain mode
Available for 2-wire and 3-wire serial modes
Automotive qualification
AEC Q-100, grade 1
Chip Identifier
18 bit
Ambient temperature
-40 to +140ºC
ESD protection
±2kV
Propagation delay (in locked state)
Max 22µs
Transition noise (rms; 1 sigma)
0.24º
Integral Nonlinearity (INL),
centered magnet
+/-2º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com