Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 25 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 25 Page - ams AG

Back Button AS5134 Datasheet HTML 21Page - ams AG AS5134 Datasheet HTML 22Page - ams AG AS5134 Datasheet HTML 23Page - ams AG AS5134 Datasheet HTML 24Page - ams AG AS5134 Datasheet HTML 25Page - ams AG AS5134 Datasheet HTML 26Page - ams AG AS5134 Datasheet HTML 27Page - ams AG AS5134 Datasheet HTML 28Page - ams AG AS5134 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
www.austriamicrosystems.com
Revision 1.6
25 - 29
AS5134
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
IC package
SSOP-20
magnetic range software indicator
Field strength (AGC) readable through digital interface
Magnetic input field range [mT]
20 – 80 mT
BLDC Outputs
BLDC outputs
3 separate digital outputs: U,V,W
BLDC pole pair options
Selectable for 1,2,3,4,5,6, pole pairs
Hysteresis on BLDC outputs
Same as incremental output hysteresis
Switching positions
Pole pairs
Switching position steps
1
60º
2
30º
3
20º
4
15º
5
12º
6
10º
Incremental Outputs
Incremental modes
3 modes:
Quad AB with Index (2x90 ppr),
Step/direction (1x180 ppr)
Fixed pulse width (360ppr, pulse width tbd)
Step size
1º
Incremental Hysteresis
2LSB (tbd)
OTP Programming
OTP programming technology
Zener Zapping
OTP programming options
Zero position, Hall sensor sensitivity
BLDC pole pairs (1,2,3,4,5,6)
Incremental mode (quad AB, step/dir)
Redundant Address
Chip-Identifier
OTP programming method
Over serial interface and static 8 - 8.5V
Programming voltage at Pin PROG
OTP programming verification
Digital and Analog
Table 10. Parameter and Features List
Parameter
AS5134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com