Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 1 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 1 Page - ams AG

  AS5134 Datasheet HTML 1Page - ams AG AS5134 Datasheet HTML 2Page - ams AG AS5134 Datasheet HTML 3Page - ams AG AS5134 Datasheet HTML 4Page - ams AG AS5134 Datasheet HTML 5Page - ams AG AS5134 Datasheet HTML 6Page - ams AG AS5134 Datasheet HTML 7Page - ams AG AS5134 Datasheet HTML 8Page - ams AG AS5134 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
AS5134
360 Step Programmable High Speed Magnetic
Rotary Encoder
Data Sh eet
www.austriamicrosystems.com
Revision 1.6
1 - 29
1 General Description
The AS5134 is a contactless magnetic rotary encoder
for accurate angular measurement over a full turn of
360º.
It is a system-on-chip, combining integrated Hall
elements, analog front end and digital signal processing
in a single device.
To measure the angle, only a simple two-pole magnet,
rotating over the center of the chip is required.
The absolute angle measurement provides instant
indication of the magnet’s angular position with a
resolution of 8.5 bit = 360 positions per revolution. This
digital data is available as a serial bit stream and as a
PWM signal.
In addition to the angle information, the strength of the
magnetic field is also available as a 6-bit code.
Data transmission can be configured for 1-wire (PWM),
2-wires (DCLK, DIO) or 3-wires (DCLK, DIO, CS).
A software programmable (OTP) zero position simplifies
assembly as the zero position of the magnet does not
need to be mechanically aligned.
A Power Down Mode together with fast startup and
measurement cycles allows for very low average power
consumption.
Figure 1. Block Diagram
2 Key Features
360º contactless angular position encoding
Two digital 360 step (8.5 bit) absolute outputs: Serial
interface and Pulse width modulated (PWM) output
User programmable zero position, sensitivity
High speed: up to 30.000 rpm
Direct measurement of magnetic field strength
allows exact determination of vertical magnet dis-
tance
Incremental Outputs ABI Quadrature: 90 ppr, step
direction: 180ppr, fixed pulse width 360ppr
BLDC Outputs UVW, selectable for 1,2,3,4,5,6 pole
pairs
Daisy-Chain mode for cascading of multiple sensors
9-bit multiturn counter
Low power mode with fast startup
Wide magnetic field input range: 20 – 80 mT
Wide temperature range: - 40ºC to +140ºC
Small Pb-free package: SSOP 20
3 Applications
The AS5134 is suitable for contactless rotary position
sensing, rotary switches (human machine interface),
AC/DC motor position control and Brushless DC motor
position control.
Hall Array
&
Frontend
Amplifier
tracking
ADC &
Angle
decoder
Zero
Pos.
PWM
Decoder
Absolute
Serial
Interface
(SSI)
AGC
OTP
power management
Commutation
Interface
PWM
DIO
CS
CLK
C2
PROG
Mag
AGC
Angle
Multiturn
Counter
DX
Incremental
Interface
U V W
A
B Index
GND
VDD5V


Similar Part No. - AS5134

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5134 AMSCO-AS5134 Datasheet
2Mb / 33P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5134-ZSST AMSCO-AS5134-ZSST Datasheet
2Mb / 33P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5134 AMSCO-AS5134_04 Datasheet
2Mb / 33P
360 Step Programmable High Speed Magnetic Rotary Encoder
More results

Similar Description - AS5134

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
10Bit 360 Programmable Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5134 AMSCO-AS5134_04 Datasheet
2Mb / 33P
360 Step Programmable High Speed Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
10Bit 360 Programmable Magnetic Rotary Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com