Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7282 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 32Page - Renesas Technology Corp DA7282 Datasheet HTML 33Page - Renesas Technology Corp DA7282 Datasheet HTML 34Page - Renesas Technology Corp DA7282 Datasheet HTML 35Page - Renesas Technology Corp DA7282 Datasheet HTML 36Page - Renesas Technology Corp DA7282 Datasheet HTML 37Page - Renesas Technology Corp DA7282 Datasheet HTML 38Page - Renesas Technology Corp DA7282 Datasheet HTML 39Page - Renesas Technology Corp DA7282 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 36
For example, if a short circuit occurs, the system will react in its usual way: stop driving, disable the current loop,
and go to Inactive mode. Once in Inactive mode, the generated interrupt is automatically cleared and DA7282
will attempt to drive again on the next playback request without the host having to come in and clear faults.
6.7.8
Polarity Change Reporting for Half-Period Control in DRO Mode
For advanced sequence playback in DRO mode, the host may require DA7282 to update the output drive
amplitude every half period. Since the I2C clock is asynchronous to the DA7282 internal clock and the exact
timing of the half-period will change dynamically based on the frequency tracking loop, this is not a trivial
operation.
To overcome this limitation, the register POLARITY provides feedback. POLARITY toggles at the start of every
half-period (so at a rate of 400 Hz for a 200 Hz resonant frequency actuator). This allows software
synchronization of the updates to the OVERRIDE_VAL, see Figure 19.
Did POLARITY
toggle?
Update
OVERRIDE_VAL
Wait 25 µs
Yes
Read POLARITY
register
No
Figure 19. Half-period control in DRO mode
The timing of the sequence can be described as follows in Figure 20 where Amplitude X denotes consecutive
different output drive values:
Time [s]
OUTP
OUTN
POLARITY
0
0
1
1
OVERRIDE_VAL
0
3
1
4
I2C Update
1
3
2
4
2
Amplitude
0
Amplitude
3
Amplitude
1
Amplitude
2
Figure 20. Polarity timing relationship



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com