Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7282 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 57Page - Renesas Technology Corp DA7282 Datasheet HTML 58Page - Renesas Technology Corp DA7282 Datasheet HTML 59Page - Renesas Technology Corp DA7282 Datasheet HTML 60Page - Renesas Technology Corp DA7282 Datasheet HTML 61Page - Renesas Technology Corp DA7282 Datasheet HTML 62Page - Renesas Technology Corp DA7282 Datasheet HTML 63Page - Renesas Technology Corp DA7282 Datasheet HTML 64Page - Renesas Technology Corp DA7282 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 61
Table 45. TOP_INT_CFG7_L (0x001F)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
FRQ_PID_Ki_L
LS-bits of the frequency tracking loop PID Ki integral coefficient, see
Section 6.7.1 for details
0x20
Table 46. TOP_INT_CFG8 (0x0020)
Bit
Mode
Symbol
Description
Reset
[6:4]
RW
RAPID_STOP_LIM
Selects the Rapid Stop threshold at which DA7282 stops driving
while braking, see Section 6.7.2
0x4
[3:0]
RW
FRQ_TRACK_BEMF_LIM
Selects the frequency tracking threshold at which DA7282 pauses
frequency tracking, see Section 6.7.1
0x3
Table 47. TOP_CTL1 (0x0022)
Bit
Mode
Symbol
Description
Reset
[4]
RW
SEQ_START
Start/stop control of Waveform Memory sequence playback
0x0 = Stop playback and return to IDLE state
0x1 = Start playback
0x0
[3]
RW
STANDBY_EN
Sets the state DA7282 returns to after completion of playback, see
Section 6.2.1
0x0 = Return to IDLE state after playback
0x1 = Return to STANDBY state after playback
0x0
[2:0]
RW
OPERATION_MODE
Haptic operation mode, see Section 6.2
0x0 = Inactive mode
0x1 = Direct register override (DRO) mode
0x2 = Playback from PWM data source (PWM) mode
0x3 = Register triggered waveform memory (RTWM) mode
0x4 = Edge triggered waveform memory (ETWM) mode
0x0
Table 48. TOP_CTL2 (0x0023)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
OVERRIDE_VAL
Used to set the output drive level in DRO mode. Scales the contents of
ACTUATOR_ABSMAX and/or ACTUATOR_NOMMAX, depending on
whether Active Acceleration is enabled. See Section 6.2.4.
OVERRIDE_VAL
value
Scaling factor when
ACCELERATION_EN
= 0
Scaling factor when
ACCELERATION_EN = 1
0x7F
1
1
0x7E
0.992
0.992
...
…step of 0.008…
…step of 0.008…
0x01
0.0079
0.0079
0x00
0
0
0xFF
-0.0079
0
...
…step of 0.008…
…step of 0.008…
0x81
-1
0
0x80
-1
0
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com