Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7282 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 61Page - Renesas Technology Corp DA7282 Datasheet HTML 62Page - Renesas Technology Corp DA7282 Datasheet HTML 63Page - Renesas Technology Corp DA7282 Datasheet HTML 64Page - Renesas Technology Corp DA7282 Datasheet HTML 65Page - Renesas Technology Corp DA7282 Datasheet HTML 66Page - Renesas Technology Corp DA7282 Datasheet HTML 67Page - Renesas Technology Corp DA7282 Datasheet HTML 68Page - Renesas Technology Corp DA7282 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 65
Bit
Mode
Symbol
Description
Reset
������������������ ������������������������������������ (������������)
= 1333.32 × 10−9 × (128
× ������������������_������������������_������������������������������������_������
+ ������������������_������������������_������������������������������������_������)
Table 65. FRQ_LRA_PER_ACT_L (0x0047)
Bit
Mode
Symbol
Description
Reset
[6:0]
RO
LRA_PER_ACTUAL_L
LSBs of the actual LRA resonant period based on half-period, see
Section 6.5.The following formula describes the output:
������������������ ������������������������������������ (������������)
= 1333.32 × 10−9 × (128
× ������������������_������������������_������������������������������������_������
+ ������������������_������������������_������������������������������������_������)
0x4F
Table 66. FRQ_PHASE_H (0x0048)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
DELAY_H
Used during custom waveform operation, see Section 6.7.5. Only
use the following settings, all other settings are reserved:
0x0 = Setting for wideband mode
0x25 = Setting for closed-loop frequency tracking mode
0x25
Table 67. FRQ_PHASE_L (0x0049)
Bit
Mode
Symbol
Description
Reset
[7]
RW
DELAY_FREEZE
Used during custom waveform operation. Set to 1 only in wideband
mode with frequency tracking disabled, see Section 6.7.5
0x0 = Setting for closed-loop frequency tracking mode
0x1 = Setting for wideband mode
0x0
[2:0]
RW
DELAY_SHIFT_L
Used during custom waveform operation, see Section 6.7.5. Only
use the following settings, all other settings are reserved:
0x0 = Setting for wideband mode
0x5 = Setting for closed-loop frequency tracking mode
0x5
Table 68. FRQ_CTL (0x004C)
Bit
Mode
Symbol
Description
Reset
[1]
RW
FREQ_TRACKING_AUTO_ADJ
Enables the auto-scaling of the frequency tracking
proportional coefficient, see Section 6.7.1
0x0 = No auto-scaling
0x1 = Auto-scaling
0x1
[0]
RW
FREQ_TRACKING_FORCE_ON
Force the tracking on when the error exceeds 25 % of initial
guess, see Section 6.7.1
0x0 = Off
0x1 = On
0x0
Table 69. TRIM3 (0x005F)
Bit
Mode
Symbol
Description
Reset
[6]
RW
LOOP_IDAC_DOUBLE_RANGE
Loop IDAC double range control, see Section 6.7.12
0x0
[5]
RW
LOOP_FILT_LOW_BW
Loop filter low bandwidth, see Section 6.7.9
0x0
[4:3]
RW
REF_UVLO_THRES
UVLO threshold, see Section 6.7.10
0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com