Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7282 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 45Page - Renesas Technology Corp DA7282 Datasheet HTML 46Page - Renesas Technology Corp DA7282 Datasheet HTML 47Page - Renesas Technology Corp DA7282 Datasheet HTML 48Page - Renesas Technology Corp DA7282 Datasheet HTML 49Page - Renesas Technology Corp DA7282 Datasheet HTML 50Page - Renesas Technology Corp DA7282 Datasheet HTML 51Page - Renesas Technology Corp DA7282 Datasheet HTML 52Page - Renesas Technology Corp DA7282 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 49
6.9.2
PWM Mode
PWM provides mark / space ratio between 0 % and 100 %. The interpretation of duty cycle depends on the state
of ACCELERATION_EN.
▪ For ACCELERATION_EN = 0:
• A 0 % duty cycle corresponds to -100 % driving strength.
• A 50 % duty cycle corresponds to no drive.
• A 100 % duty cycle corresponds to +100 % driving strength.
• FULL_BRAKE_THR defines a lower threshold for driving strength, below this threshold, drive is interpreted
as zero.
▪ For ACCELERATION_EN = 1:
• A 0 % duty cycle corresponds to no drive.
• A 50 % duty cycle corresponds to +50 % driving strength.
• A 100 % duty cycle corresponds to +100 % driving strength.
• Negative drive is not possible.
• FULL_BRAKE_THR defines a lower threshold for driving strength, below this threshold, drive is interpreted
as zero.
The encoded value of PWM data is converted to 8-bit two’s complement data using the DRO format and is
written to OVERRIDE_VAL so it can be read back.
6.9.3
RTWM and ETWM Modes
▪ For ACCELERATION_EN = 0:
• The 4 bits of the amplitude value are interpreted as a two’s complement signed value.
• The most negative value corresponds to -100 % driving strength.
• The most positive value corresponds to +100 % driving strength.
• A zero value corresponds to no drive.
• The full range is between 7 (100 %) and -7 (-100 %), with -8 interpreted as -7 to keep the ranges
symmetrical.
▪ ACCELERATION_EN = 1
• The 4 bits of the amplitude value are interpreted as an unsigned value.
• The most positive value corresponds to +100 % driving strength.
• Negative drive is not possible.
• A zero value corresponds to no drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com