Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7282 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 36Page - Renesas Technology Corp DA7282 Datasheet HTML 37Page - Renesas Technology Corp DA7282 Datasheet HTML 38Page - Renesas Technology Corp DA7282 Datasheet HTML 39Page - Renesas Technology Corp DA7282 Datasheet HTML 40Page - Renesas Technology Corp DA7282 Datasheet HTML 41Page - Renesas Technology Corp DA7282 Datasheet HTML 42Page - Renesas Technology Corp DA7282 Datasheet HTML 43Page - Renesas Technology Corp DA7282 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 40
Recommended setup specific for a coin ERM, in addition to generic ERM setup described in Section 6.6.2:
▪ ACCELERATION_EN = 0
▪ RAPID_STOP_EN = 0
▪ AMP_PID_EN = 0
▪ V2I_FACTOR_FREEZE = 1
▪ CALIB_IMPEDANCE_DIS = 1
▪ BEMF_FAULT_LIM = 0
▪ Set the V2I factor using the single winding impedance, see Section 6.6.2
▪ Set IMAX using the maximum start-up current, see Section 6.6.2
6.7.19 VDDIO Pin Control
The VDDIO pin controls the entry and exit of the device from OFF state. When VDDIO = 0 V, DA7282 is OFF and
consumes typ. 5 nA of current from the VDD pin. Setting VDDIO = VDDIO (the system supply level) enables the
device and, after the initial boot sequence, it will reach IDLE state with typ. 680 nA of current consumption. Note
that the device will have been hardware reset when it comes out of the OFF mode.
For lowest OFF mode current consumption control the enable function via a host-side GPIO push-pull that
connects the VDDIO pin either to GND or to the system VDDIO supply.
If the VDDIO pin is only needed as a device hardware reset, where it will only be pulled low for a short time
(therefore IDLE state power consumption is not an issue), a possible system solution is to use an open-drain
output with a pull-up resistor to the system VDDIO supply. In this configuration a larger pull-up resistor might
require an additional capacitor.
For recommended configurations and component values for the two examples, see Figure 24 and Table 17.
Host
GPIO
Driver
DA7282
GPIO
system VDDIO supply
GND
VDDIO/EN
R
C
Host
GPIO
Driver
DA7282
GPIO
system VDDIO supply
GND
VDDIO/EN
R
C
Open Drain GPIO
(for hardware reset function only)
Push-Pull GPIO
(for best OFF mode current consumption)
Figure 24. VDDIO pin control in push-pull configuration and open drain configuration
Table 17. VDDIO pin control recommended values of R and C
Pullup resistor R (kΩ)
Decoupling capacitor C (pF)
< 200
None
0.2 to 2.2
100
2.2 to 10
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com