Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7282 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 11Page - Renesas Technology Corp DA7282 Datasheet HTML 12Page - Renesas Technology Corp DA7282 Datasheet HTML 13Page - Renesas Technology Corp DA7282 Datasheet HTML 14Page - Renesas Technology Corp DA7282 Datasheet HTML 15Page - Renesas Technology Corp DA7282 Datasheet HTML 16Page - Renesas Technology Corp DA7282 Datasheet HTML 17Page - Renesas Technology Corp DA7282 Datasheet HTML 18Page - Renesas Technology Corp DA7282 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 15
6. Functional Description
DA7282 is a haptic driver capable of driving both LRA and ERM actuators. The power-optimized architecture
and advanced closed-loop digital algorithms achieve a very high-fidelity haptic drive. It features frequency control
within an onboard Waveform Memory and three distinct GPI inputs, for triggering up to six distinct sequences.
This helps with emulating button pressing in many applications including gaming, mobile, and wearable devices.
The device controls the level of drive across the load and senses the movement of the actuator. The driven
waveform is generated by a current regulated loop using a high-frequency PWM modulation. The differential
output drive features a switching regulator architecture with H-bridge differential drive across the load at a
frequency of 187.5 kHz. The drive level is based on the sequence from the data source selected by I2C interface,
input PWM signal, or Waveform Memory.
DA7282 is capable of closed-loop actuator monitoring while driving to enable calibration-free playback,
frequency tracking (LRA only), Active Acceleration, Rapid Stop, and actuator diagnostics.
Continuous resonant frequency tracking can be enabled while driving an LRA to track the mechanical resonance
of the actuator through closed-loop control. This maximizes electrical to mechanical energy conversion efficiency
for narrowband actuators and is especially useful in applications such as operating system notifications and
alarms.
Resonant frequency tracking can be disabled to operate DA7282 in open-loop wideband frequency operation
while driving LRAs with a wider bandwidth frequency response.
Active Acceleration and Rapid Stop features enable automated driving of both ERM and LRA loads (when
frequency tracking is enabled). This reduces the time to reach the target acceleration level and the time for the
actuator to come to a complete stop.
6.1
Features Description
6.1.1
Driving LRA and ERM Actuators
DA7282 can drive both ERMs and LRAs depending on the register configuration, see Section 6.6.2.
6.1.2
Automatic LRA Resonant Frequency Tracking
LRA resonant frequency shifts over time due to changing operating conditions, such as temperature or position,
and manufacturing spread. LRAs are high-Q systems; if driven at a fixed frequency, the consequences are loss
of electrical to mechanical energy conversion efficiency, weaker than nominal actuator acceleration output, and
significant part-to-part variation in the end-product haptic feel. Figure 5 illustrates that if the drive frequency is
fixed, for example at 200 Hz, frequency variation in the resonant peak of only 10 Hz can result in a loss of 50 %
of the output acceleration.
Frequency [Hz]
1
0.5
200
210
190
Typical Resonant Peak Variation
(part-to-part, across temperature, drive signal level, and manufacturing lots)
Resonant Peak
with Max Accel.
250
150
Figure 5. LRA output acceleration swept in frequency with constant power input signal
For a consistent user experience, DA7282 automatically locks onto and tracks the resonant frequency of the
LRA through active BEMF sensing and closed-loop digital control. This ensures optimal output acceleration on
every individual LRA throughout its lifetime and consistent part-to-part haptic feedback in the end product, see
Section 6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com