Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7282 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 7Page - Renesas Technology Corp DA7282 Datasheet HTML 8Page - Renesas Technology Corp DA7282 Datasheet HTML 9Page - Renesas Technology Corp DA7282 Datasheet HTML 10Page - Renesas Technology Corp DA7282 Datasheet HTML 11Page - Renesas Technology Corp DA7282 Datasheet HTML 12Page - Renesas Technology Corp DA7282 Datasheet HTML 13Page - Renesas Technology Corp DA7282 Datasheet HTML 14Page - Renesas Technology Corp DA7282 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 11
5. Specifications
5.1
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These are stress ratings only, so functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specification are not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Table 4. Absolute maximum ratings
Parameter
Description
Conditions
Min
Max
Unit
VDD
Haptic power supply (battery or
regulated rail)
Referenced to GND
-0.3
6
V
VDDIO
Digital IO supply and device
enable
-0.3
6
V
VOUTN
Haptic driver negative output
-0.3
6
V
VOUTP
Haptic driver positive output
-0.3
6
V
VnIRQ
Interrupt request line to host
-0.3
6
V
VSCL
I2C clock input
-0.3
6
V
VSDA
I2C data input/output
-0.3
6
V
VGPI
General purpose inputs
-0.3
6
V
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
TSTG
Storage temperature
-65
150
°C
ESDHBM
ESD protection
Human Body Model (HBM)
All non-exposed pins
4
kV
ESDCDM
ESD protection
Charged Device Model (CDM)
1
kV
5.2
Recommended Operating Conditions
Unless otherwise noted, the parameters listed in Table 5 are valid for TA = 25 ºC, VDD = 3.8 V, and VDDIO = 1.8 V.
Table 5. Recommended operating conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
VDD
Haptic power supply (battery or regulated rail)
2.8
3.8
5.5
V
VDDIO
Digital IO supply and device enable (Note 1)
1.35
1.8
5.5
V
ZLD
Nominal LRA DC impedance
4
50
Ω
CLD
Capacitance to ground on OUTP and OUTN
1
nF
fLRA
Nominal LRA resonant frequency
Frequency tracking
enabled
50
300
Hz
fLRA_OL
Nominal LRA resonant frequency, open-loop
Frequency tracking
disabled
25
1000
Hz
Note 1
During device operation VDDIO must be ≤ VDD if GPI_0, GPI_1, and GPI_2 are not grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com