Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF53-Q1 Datasheet(PDF) 17 Page - Texas Instruments

Part # REF53-Q1
Description  REF53-Q1, 4ppm/°C Maximum Drift, 3ppmp-p 1/f Noise, 85μA Current, 30mA Load Current, Precision Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF53-Q1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF53-Q1 Datasheet HTML 13Page - Texas Instruments REF53-Q1 Datasheet HTML 14Page - Texas Instruments REF53-Q1 Datasheet HTML 15Page - Texas Instruments REF53-Q1 Datasheet HTML 16Page - Texas Instruments REF53-Q1 Datasheet HTML 17Page - Texas Instruments REF53-Q1 Datasheet HTML 18Page - Texas Instruments REF53-Q1 Datasheet HTML 19Page - Texas Instruments REF53-Q1 Datasheet HTML 20Page - Texas Instruments REF53-Q1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The REF53-Q1 is designed for the applications where high precision is required at lower power. Low
temperature drift and noise makes the REF53-Q1 excellent attach for high precision data converters to achieve
best gain drift and resolution.
9.2 Typical Applications
9.2.1 Basic Voltage Reference Connection
Figure 9-1 shows the basic configuration for the REF53-Q1 references. Connect bypass capacitor CIN and
output capacitor CREF as per the guidelines in Section 9.2.1.2.
REF53
GND
REF_S
IN
EN
CREF
VIN
VEN
VREF
CIN
REF_F
GND
GND
Figure 9-1. Basic Reference Connection
9.2.1.1 Design Requirements
A detailed design procedure is based on a design example. For this design example, use the parameters listed
in Table 9-1 as the input parameters.
Table 9-1. Design Example Parameters
DESIGN PARAMETER
VALUE
Input voltage, VIN
3V
Input capacitor
0.1µF
Output capacitor
10µF
9.2.1.2 Detailed Design Procedure
A bulk capacitor (from 0.1μF to 10μF) must connect to the supply to improve transient response in the
applications where the supply voltage can fluctuate. Connect an additional 0.1μF capacitor at VIN pin closer
to the device to bypass high-frequency supply noise.
A low ESR (maximum 1Ω) capacitor from 1μF to 50μF must be connected to the output to provide stable
output. For very-low-noise applications, take special care with X7R and other MLCC capacitors due to the
piezoelectric effect. Piezoelectric property of multilayer ceramic capacitors (MLCC) can introduce a μV range
www.ti.com
REF53-Q1
SNVSCU8 – AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: REF53-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com