Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF53-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # REF53-Q1
Description  REF53-Q1, 4ppm/°C Maximum Drift, 3ppmp-p 1/f Noise, 85μA Current, 30mA Load Current, Precision Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF53-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF53-Q1 Datasheet HTML 4Page - Texas Instruments REF53-Q1 Datasheet HTML 5Page - Texas Instruments REF53-Q1 Datasheet HTML 6Page - Texas Instruments REF53-Q1 Datasheet HTML 7Page - Texas Instruments REF53-Q1 Datasheet HTML 8Page - Texas Instruments REF53-Q1 Datasheet HTML 9Page - Texas Instruments REF53-Q1 Datasheet HTML 10Page - Texas Instruments REF53-Q1 Datasheet HTML 11Page - Texas Instruments REF53-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
6.6 Typical Characteristics
at TA = 25°C, VIN = VEN = VREF + 0.5V, IL = 0mA, CREF = 10μF, CIN = 0.1μF, VREF = 1.25V (unless otherwise noted)
Figure 6-1. Output Voltage Vs Free-Air Temperature
Te mperature Coefficient (ppm/
C)
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
Figure 6-2. Temperature Drift Distribution
Initial Accuracy (%)
0
20
40
60
80
100
-0.04 -0.03 -0.02 -0.01
0
0.01
0.02
0.03
0.04
Figure 6-3. Accuracy Distribution
Figure 6-4. Quiescent Current vs Temperature
Te mperature (
C)
-40
-7
26
59
92
125
0
200
400
600
800
1,000
IL = 0mA
IL = 5mA
IL = 10mA
IL = 15mA
IL = 20mA
IL = 25mA
IL = 30mA
Figure 6-5. Dropout Voltage vs Temperature VREF = 5V
Noise (ppmp-p)
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
9
10
Figure 6-6. 0.1Hz to 10Hz Voltage Noise Distribution
REF53-Q1
SNVSCU8 – AUGUST 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF53-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com