Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF53-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF53-Q1
Description  REF53-Q1, 4ppm/°C Maximum Drift, 3ppmp-p 1/f Noise, 85μA Current, 30mA Load Current, Precision Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF53-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  REF53-Q1 Datasheet HTML 1Page - Texas Instruments REF53-Q1 Datasheet HTML 2Page - Texas Instruments REF53-Q1 Datasheet HTML 3Page - Texas Instruments REF53-Q1 Datasheet HTML 4Page - Texas Instruments REF53-Q1 Datasheet HTML 5Page - Texas Instruments REF53-Q1 Datasheet HTML 6Page - Texas Instruments REF53-Q1 Datasheet HTML 7Page - Texas Instruments REF53-Q1 Datasheet HTML 8Page - Texas Instruments REF53-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REF53-Q1, 4ppm/°C Maximum Drift, 3ppmp-p 1/f Noise, 85μA Current, 30mA Load
Current, Precision Voltage Reference
1 Features
• Low temperature drift coefficient: 4ppm/°C
maximum
• Low quiescent current: 85μA typical
• Low noise
– 0.1Hz to 10Hz: 3ppmp-p
– 10Hz to 1kHz: 3ppmrms
• High accuracy: ±0.04% maximum
• Small Size: SOT-23-THN-6 (DDC) package
• Designed for a wide range of applications:
– Wide input voltage up to 18V
– Output current: +30mA/-10mA
– Voltage options: 1.2V, 1.25V, 1.8V, 2.048V,
2.5V, 3V, 3.3V, 4.096V, 4.5V, 5V
• Fit for all design requirement:
– Stable with 1μF to 50μF output low-ESR
capacitor
– High PSRR: 85dB at 1kHz
– Specified temperature range: −40°C to +125°C
– Operational temperature range: −55°C to
+125°C
2 Applications
• Field transmitters
• PLC analog I/O modules
• Power monitoring
• Medical Imaging
• Single and multiaxis servo drives
• Hospital patient care
• Electricity meter
• Battery management system
• Automotive camera
• LIDAR
• HEV/EV OBC and DC/DC converter
3 Description
The REF53-Q1 is a family of low-power, low-noise
and low-drift series voltage reference devices.
The REF53-Q1 family offers low temperature drift
coefficient (4ppm/°C) for a temperate range from
–40°C to +125°C, low-noise (2ppmp-p) and high-
accuracy (±0.04%) while consuming 150μA maximum
current. The REF53-Q1 with excellent load and
line regulation helps to meet strict performance
requirements of high precision applications. The
device family is designed as a companion device for
high-resolution data converters and AFEs. The device
is pin compatible performance upgrade to TI's REF34,
REF34-Q1 device families.
The REF53-Q1 family supports wide supply voltage
rating of 18V. This also protects the device in case
of power supply IC failure. The REF53-Q1 device
supports up to 30mA load current. The wide load
current support allows for direct connection of REF53-
Q1 as power supply to precision sensors. The REF53-
Q1 is specified for a temperate range from –40°C
to +125°C. The wide temperature range enables
operation across various industrial and automotive
applications.
Package Information
PART NAME
PACKAGE (1)
PACKAGE SIZE(3)
REF53-Q1
SOT-23-THN (6)
2.9mm × 2.8mm
SOIC (8) (2)
4.9mm × 6mm
VSSOP (8) (2)
3mm × 4.9mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Preview package.
(3)
The package size (length × width) is a nominal value and
includes pins, where applicable.
REF53
GND
REF_S
IN
EN
CREF
VIN
VEN
VREF
CIN
REF_F
GND
GND
Basic Connection Diagram
Te mperature Coefficient (ppm/
C)
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
Temperature Drift Distribution
REF53-Q1
SNVSCU8 – AUGUST 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - REF53-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF50 TI-REF50 Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF50 TI-REF50 Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
REF50 TI1-REF50 Datasheet
4Mb / 49P
REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
MARCH 2025
REF50 TI2-REF50 Datasheet
4Mb / 52P
REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
REVISED OCTOBER 2025
REF50 TI2-REF50 Datasheet
1Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
More results

Similar Description - REF53-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5050A-Q1 TI-REF5050A-Q1_15 Datasheet
1Mb / 25P
REF50xxA-Q1 Low-Noise, Very Low Drift, Precision Voltage Reference
REF70 TI-REF70_V02 Datasheet
1Mb / 38P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2021
REF70 TI-REF70_V03 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V04 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V05 Datasheet
1Mb / 40P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V06 Datasheet
1Mb / 41P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V07 Datasheet
1Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED MARCH 2023
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF70 TI-REF70_V08 Datasheet
2Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2023
REF54 TI1-REF54 Datasheet
2Mb / 31P
REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com