Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF53-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # REF53-Q1
Description  REF53-Q1, 4ppm/°C Maximum Drift, 3ppmp-p 1/f Noise, 85μA Current, 30mA Load Current, Precision Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF53-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  REF53-Q1 Datasheet HTML 1Page - Texas Instruments REF53-Q1 Datasheet HTML 2Page - Texas Instruments REF53-Q1 Datasheet HTML 3Page - Texas Instruments REF53-Q1 Datasheet HTML 4Page - Texas Instruments REF53-Q1 Datasheet HTML 5Page - Texas Instruments REF53-Q1 Datasheet HTML 6Page - Texas Instruments REF53-Q1 Datasheet HTML 7Page - Texas Instruments REF53-Q1 Datasheet HTML 8Page - Texas Instruments REF53-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Input Voltage
VIN
-0.3
20
V
EN
-0.3
VIN + 0.3
V
Output voltage
VREF_S, VREF_F
-0.3
5.5
V
Output short circuit current
ISC
80
mA
Junction temperature
(TJ max)
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins(1)
±2000
V
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
±500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
VREF + 0.2(1)
18
V
EN
Enable pin Voltage
0
VIN
V
IREF
Output current
–10
30
mA
TA
Operating ambient temperature
–40
25
125
°C
(1)
For VREF < 1.8V, the minimum supply voltage is 1.71V.
6.4 Thermal Information
THERMAL METRIC(1)
REF53-Q1
REF53-Q1
REF53-Q1
UNIT
DGK (VSSOP)
D (SOIC)
DDC (SOT-23-THN)
8 PINS
8 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
154.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
93.6
°C/W
RθJB
Junction-to-board thermal resistance
61.9
°C/W
ΨJT
Junction-to-top characterization parameter
37.6
°C/W
ΨJB
Junction-to-board characterization parameter
61.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
www.ti.com
REF53-Q1
SNVSCU8 – AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: REF53-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com