Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF53-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # REF53-Q1
Description  REF53-Q1, 4ppm/°C Maximum Drift, 3ppmp-p 1/f Noise, 85μA Current, 30mA Load Current, Precision Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF53-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  REF53-Q1 Datasheet HTML 1Page - Texas Instruments REF53-Q1 Datasheet HTML 2Page - Texas Instruments REF53-Q1 Datasheet HTML 3Page - Texas Instruments REF53-Q1 Datasheet HTML 4Page - Texas Instruments REF53-Q1 Datasheet HTML 5Page - Texas Instruments REF53-Q1 Datasheet HTML 6Page - Texas Instruments REF53-Q1 Datasheet HTML 7Page - Texas Instruments REF53-Q1 Datasheet HTML 8Page - Texas Instruments REF53-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
5 Pin Configuration and Functions
IN
REF_F
GND
EN
NC
1
2
3
4
REF_S
5
6
Not to scale
Figure 5-1. DDC
6-Pin THIN SOT23
Top View
REF
DNC
IN
TEMP
GND
EN
1
2
3
6
5
4
NC
NC
7
8
Not to scale
Figure 5-2. D, DGK
8-Pin SOIC, VSSOP
Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DDC
D, DGK
NC
1
5,7
No Connect
Not internally connected. Pin can be left floating or connected to
GND.
GND
2
4
Ground
Ground connection.
EN
3
1
Input
Device enable control. Low level input disables the reference
output and device enters shutdown mode. Device can be
enabled by driving voltage > 1.6V or leaving the EN pin floating.
IN
4
2
Power
Input supply voltage connection. Connect a minimum 0.1μF
decoupling capacitor to ground for the best performance.
REF_S
5
Output
Reference voltage output sense connection. Connect it to
REF_F near the load.
REF_F
6
Output
Reference voltage output force connection. Connect a capacitor
between from 1μF to 50μF to ground for best performance.
TEMP
3
Output
Temperature monitoring pin. Provides a temperature-dependent
output voltage
REF
6
Output
Reference voltage output. Connect a capacitor between from
1μF to 50μF to ground for best performance.
DNC
8
Do not Connect
Leave the pin floating
REF53-Q1
SNVSCU8 – AUGUST 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF53-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com