Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P342NP Datasheet(PDF) 29 Page - ELAN Microelectronics Corp

Part # EM78P342NP
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P342NP Datasheet(HTML) 29 Page - ELAN Microelectronics Corp

Back Button EM78P342NP Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 33Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 23
(This specification is subject to change without further notice)
Bit 4 (/OD64): Control bit used to enable the open-drain of the P64 pin
(Not applicable to EM78P341N)
Bit 3 (/OD63): Control bit used to enable the open-drain of the P63 pin
(Not applicable to EM78P341N)
Bit 2 (/OD62): Control bit used to enable the open-drain of the P62 pin
(Not applicable to EM78P341N)
Bit 1 (/OD61): Control bit used to enable the open-drain of the P61 pin
Bit 0 (/OD60): Control bit used to enable the open-drain of the P60 pin
6.2.9 IOCD0 (Pull-high Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
/PH57
/PH56
/PH55
/PH54
/PH53
/PH52
/PH51
/PH50
NOTE
The IOCD0 register is both readable and writable.
Bit 7 (/PH57): Control bit is used to enable the pull-high of the P57 pin (applicable to
EM78P343N only).
0 = Enable internal pull-high
1 = Disable internal pull-high
Bit 6 (/PH56): Control bit used to enable the pull-high function of the P56 pin
(applicable to EM78P343N only).
Bit 5 (/PH55): Control bit used to enable the pull-high function of the P55 pin.
Bit 4 (/PH54): Control bit used to enable the pull-high function of the P54 pin.
Bit 3 (/PH53): Control bit used to enable the pull-high function of the P53 pin.
Bit 2 (/PH52): Control bit used to enable the pull-high function of the P52 pin.
Bit 1 (/PH51): Control bit used to enable the pull-high function of the P51 pin.
Bit 0 (/PH50): Control bit used to enable the pull-high function of the P50 pin.
6.2.10 IOCE0 (WDT Control & Interrupt Mask Registers 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WDTE
EIS
ADIE
CMPIE
PSWE
PSW2
PSW1
PSW0
Bit 7 (WDTE): Control bit used to enable Watchdog Timer
0 = Disable WDT
1 = Enable WDT
WDTE is both readable and writable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com