| Electronic Components Datasheet Search |
|
EM78P342NP Datasheet(PDF) 45 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P342NP Datasheet(HTML) 45 Page - ELAN Microelectronics Corp |
|
45 / 102 page ![]() EM78P341N/342N/343N 8-Bit Microprocessor with OTP ROM Product Specification (V1.0) 12.01.2006 • 39 (This specification is subject to change without further notice) Signal Sleep Mode Idle Mode Normal Mode Green Mode DISI+IOCF0(EXIE) Bit 2 =1 DISI + IOCF0 (EXIE) Bit 2=1 DISI + IOCF0 (EXIE) Bit 2=1 Wake-up + next instruction Set RF (EXIF)=1 Next Instruction + Set RF (EXIF)=1 Next Instruction + Set RF (EXIF)=1 ENI + IOCF0(EXIE) Bit 2 =1 ENI + IOCF0 (EXIE) Bit 2=1 ENI + IOCF0 (EXIE) Bit 2=1 INT Pin NA Wake-up + Interrupt Vector (003H) + Set RF (EXIF)=1 Interrupt Vector (003H) + Set RF (EXIF)=1 Interrupt Vector (003H) + Set RF (EXIF)=1 RE (ICWE) Bit 1=0, IOCF0 (ICIE) bit 1=0 RE (ICWE) Bit 1=0, IOCF0 (ICIE) Bit 1=0 IOCF0 (ICIE) Bit 1=0 IOCF0 (ICIE) Bit 1=0 Oscillator, TCC, TCCX and IR/PWM are stopped. Port 5 input status changed wake-up is invalid. Oscillator, TCC, TCCX and IR/PWM keep on running. Port5 input status changed wake-up is invalid. Port 5 input status change interrupted is invalid Port 5 input status change interrupted is invalid RE (ICWE) Bit 1=0, IOCF0 (ICIE) Bit 1=1 RE (ICWE) Bit 1=0, IOCF0 (ICIE) Bit 1=1 N/A N/A Set RF (ICIF)=1, Oscillator, TCC, TCCX and IR/PWM are stopped. Port 5 input status changed wake-up is invalid. Set RF (ICIF)=1, Oscillator, TCC, TCCX and IR/PWM keep on running. Port5 input status changed wake-up is invalid. N/A N/A RE (ICWE) Bit 1=1, IOCF0 (ICIE) Bit 1=0 RE (ICWE) Bit 1=1, IOCF0 (ICIE) Bit1=0 N/A N/A Wake-up + Next Instruction Oscillator, TCC, TCCX and IR/PWM are stopped. Wake-up + Next Instruction Oscillator, TCC, TCCX and IR/PWM keep on running. N/A N/A RE (ICWE) Bit1=1, DISI + IOCF0 (ICIE) Bit 1=1 RE (ICWE) Bit 1=1, DISI + IOCF0 (ICIE) Bit 1=1 DISI + IOCF0 (ICIE) Bit 1=1 DISI + IOCF0 (ICIE) Bit 1=1 Wake-up + Next Instruction + Set RF (ICIF)=1 Oscillator, TCC, TCCX and IR/PWM are stopped. Wake-up + Next Instruction + Set RF (ICIF)=1 Oscillator, TCC, TCCX and IR/PWM keep on running. Next Instruction + Set RF (ICIF)=1 Next Instruction + Set RF (ICIF)=1 RE (ICWE) Bit 1=1, ENI + IOCF0 (ICIE) Bit 1=1 RE (ICWE) Bit 1=1, ENI + IOCF0 (ICIE) Bit 1=1 ENI + IOCF0 (ICIE) Bit 1=1 ENI + IOCF0 (ICIE) Bit 1=1 Port 5 Input Status Change Wake-up + Interrupt Vector (006H) + Set RF (ICIF)=1 Oscillator, TCC, TCCX and IR/PWM are stopped. Wake-up + Interrupt Vector (006H) + Set RF (ICIF)=1 Oscillator, TCC, TCCX and IR/PWM keep on running. Interrupt Vector(006H) + Set RF (ICIF)=1 Interrupt Vector(006H) + Set RF (ICIF)=1 DISI+IOCF0(TCIE) Bit 0 =1 DISI + IOCF0 (TCIE) Bit 0=1 DISI + IOCF0 (TCIE) Bit 0=1 Wake-up + next instruction Set RF (TCIF)=1 Next Instruction + Set RF (TCIF)=1 Next Instruction + Set RF (TCIF)=1 ENI + IOCF0(TCIE) Bit 0 =1 ENI + IOCF0 (TCIE) Bit 0=1 ENI + IOCF0 (TCIE) Bit 0=1 TCC Over Flow NA Wake-up + Interrupt Vector (009H) + Set RF (TCIF)=1 Interrupt Vector (009H) + Set RF (TCIF)=1 Interrupt Vector (009H) + Set RF (TCIF)=1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |