Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P342NP Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM78P342NP
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P342NP Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM78P342NP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 29
(This specification is subject to change without further notice)
6.2.20 IOCD1 (LVD Control Register)
Bit
7
6
5
4
3
2
1
0
EM78P342N/343N
-
-
-
-
LVDIE LVDEN
LVD1
LVD0
ICE342N
TYPE1 TYPE0
LVR1
LVR0
LVDIE LVDEN
LVD1
LVD0
Bits 7~6 (Type 1 ~ Type 0): Type selection for EM78P343N or EM78P342N or
EM78P341N or 108C.
Type 1, Type 0
VDD Reset Level
11
EM78P343N (Default) (20PIN)
10
EM78P342N (18PIN)
01
EM78P341N (14PIN)
00
108C (8PIN)
Bits 5~4 (LVR1 ~ LVR0): Low Voltage Reset enable bits.
LVR1, LVR0
VDD Reset Level
VDD Release Level
11
NA (Power-on Reset)
10
2.7V
2.9V
01
3.5V
3.7V
00
4.0V
4.2V
NOTE
■ IOCD1<3> register is both readable and writable
■ Individual interrupt is enabled by setting its associated control bit in the IOCD1 <4> to "1"
■ Global interrupt is enabled by the ENI instruction and is disabled by the DISI
instruction. Refer to Fig. 6-8 (
Interrupt Input Circuit) under Section 6.6 (Interrupt).
Bit 3 (LVDIE): Low voltage Detector interrupt enable bit.
0 = Disable Low voltage Detector interrupt.
1 = Enable Low voltage Detector interrupt.
When the detect low level voltage is used to enter an interrupt vector or
enter next instruction, the LVDIE bit must be set to “Enable“.
Bit 2 (LVDEN):
Low Voltage Detector enable bit
0 = Low voltage detector disable
1 = Low voltage detector enable
Bit 1~0 (LVD1:0): Low Voltage Detector level bits.
LVDEN
LVD1,LVD0
LVD voltage Interrupt level
/LVD
Vdd
≤ 2.3V
0
1
11
Vdd
> 2.3V
1
Vdd
≤ 3.3V
0
1
10
Vdd
> 3.3V
1
Vdd
≤ 4.0V
0
1
01
Vdd
> 4.0V
1
Vdd
≤ 4.5V
0
1
00
Vdd
> 4.5V
1
0
XX
NA
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com