| Electronic Components Datasheet Search |
|
EM78P342NP Datasheet(PDF) 49 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P342NP Datasheet(HTML) 49 Page - ELAN Microelectronics Corp |
|
49 / 102 page ![]() EM78P341N/342N/343N 8-Bit Microprocessor with OTP ROM Product Specification (V1.0) 12.01.2006 • 43 (This specification is subject to change without further notice) Signal Sleep Mode Idle Mode Normal Mode Green Mode RE (LVDWE) Bit 0=0, IOCD1 (LVDIE) Bit 3=0 RE (LVDWE) Bit 0=0, IOCD1 (LVDIE) Bit 3=0 IOCD1 (LVDIE) Bit 3=0 IOCD1 (LVDIE) Bit 3=0 Low voltage detector wake-up is invalid. Oscillator, TCC, TCCX and IR/PWM are stopped. Low voltage detector wake-up is invalid. Oscillator, TCC, TCCX and IR/PWM keep on running. Low voltage detector interrupted is invalid. Low voltage detector interrupted is invalid. RE (LVDWE) Bit 0=0, IOCD1 (LVDIE) Bit 3=1 RE (LVDWE) Bit 0=0, IOCD1 (LVDIE) Bit 3=1 N/A N/A Set RE (LVDIF)=1, Low voltage detector wake-up is invalid. Oscillator, TCC, TCCX and IR/PWM are stopped. Set RE (LVDIF)=1, Low voltage detector wake-up is invalid. Oscillator, TCC, TCCX and IR/PWM keep on running. N/A N/A RE (LVDWE) Bit 0=1, IOCD1 (LVDIE) Bit 3=0 RE (LVDWE) Bit 0=1, IOCD1 (LVDIE) Bit 3=0 N/A N/A Wake-up + Next Instruction, Oscillator, TCC, TCCX and IR/PWM are stopped. Wake-up + Next Instruction, Oscillator, TCC, TCCX and IR/PWM keep on running. N/A N/A RE (LVDWE) Bit =1, DISI + IOCD1 (LVDIE) Bit 3=1 RE (LVDWE) Bit 0=1, DISI + IOCD1 (LVDIE) Bit 3=1 DISI + IOCD1 (LVDIE) Bit 3=1 DISI + IOCD1 (LVDIE) Bit 3=1 Wake-up + Next Instruction + Set RE (LVDIF)=1, Oscillator, TCC, TCCX and IR/PWM are stopped. Wake-up + Next Instruction + Set RE (LVDIF)=1, Oscillator, TCC, TCCX and IR/PWM keep on running. Next Instruction + Set RE (LVDIF)=1 Next Instruction + Set RE (LVDIF)=1 RE (LVDWE) Bit 2=1, ENI + IOCD1 (LVDIE) Bit 3=1 RE (LVDWE) Bit0=1, ENI + IOCD1 (LVDIE) Bit 3=1 ENI + IOCD1 (LVDIE) Bit 3=1 ENI + IOCD1 (LVDIE) Bit 3=1 Low Voltage Detector interrupt Wake-up + Interrupt Vector (021H) + Set RE (LVDIF)=1,Oscillator, TCC, TCCX and IR/PWM are stopped. Wake-up + Interrupt Vector (021H) + Set RE (LVDIF)=1,Oscillator, TCC, TCCX and IR/PWM keep on running. Interrupt Vector (021H) + Set RE (LVDIF)=1 Interrupt Vector (021H) + Set RE (LVDIF)=1 WDT Time Out IOCE (WDTE) Bit 7=1 Wake-up + Reset (Address 0x00) Wake-up + Reset (Address 0x00) Reset (Address 0x00) Reset (Address 0x00) Low voltage reset Wake-up + Reset (Address 0x00) Wake-up + Reset (Address 0x00) Reset (Address 0x00) Reset (Address 0x00) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |