Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P342NP Datasheet(PDF) 74 Page - ELAN Microelectronics Corp

Part # EM78P342NP
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P342NP Datasheet(HTML) 74 Page - ELAN Microelectronics Corp

Back Button EM78P342NP Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 78Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
68
•
Product Specification (V1.0) 12.01.2006
(This specification is subject to change without further notice)
6.10.3 Using a Comparator as an Operation Amplifier
The comparator can be used as an operation amplifier if a feedback resistor is
externally connected from the input to the output. In this case, the Schmitt trigger can
be disabled for power saving purposes, by setting Bit 4, Bit 3 <COS1, COS0> of the
IOC80 register to <1,1>. See table under Section 6.2.4, IOC80 (Comparator and TCCA
Control Registers) for Comparator/OP select bits function description.
NOTE
Under Operation Amplifier:
■ The CMPIE (IOCE0.4), CMPWE (RE.2), and CMPIF (RE.4) bits are invalid.
■ The comparator interrupt is invalid.
■ The comparator wake-up is invalid.
6.10.4 Comparator Interrupt
CMPIE (IOCE0.4) must be enabled for the “ENI” instruction to take effect
Interrupt is triggered whenever a change occurs on the comparator output pin
The actual change on the pin can be determined by reading the Bit CMPOUT,
IOC80<5>.
CMPIF (RE.4), the comparator interrupt flag, can only be cleared by software
6.10.5 Wake-up from Sleep Mode
If the CMPWE bit of the RE register is set to “1,” the comparator remains active and
the interrupt remains functional, even under SLEEP mode.
If a mismatch occurs, the change will wake up the device from SLEEP mode.
The power consumption should be taken into consideration for the benefit of energy
conservation.
If the function is unemployed during SLEEP mode, turn off the comparator before
entering into sleep mode.
The Comparator is considered completed as determined by
:
1.
COS1 and COS0 bits of IOC80 register setting selects Comparator.
2.
CMPIF bit of RE register is set to “1”.
3.
CMPWE bit of RE register is set to “1”. Wakes-up from Comparator (where it
remains in operation during sleep mode)
4.
Wakes-up and executes the next instruction, if CMPIE bit of IOCE0 is enabled and
the “DISI” instruction is executed.
5.
Wake-up and enters into Interrupt vector (address 0x00F), if ADIE bit of IOCE0 is
enabled and the “ENI” instruction is executed
6.
Enters into Interrupt vector (address 0x00F), if CMPIE bit of IOCE0 is enabled and
the “ENI” instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com