Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P342NP Datasheet(PDF) 72 Page - ELAN Microelectronics Corp

Part # EM78P342NP
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P342NP Datasheet(HTML) 72 Page - ELAN Microelectronics Corp

Back Button EM78P342NP Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 69Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 76Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
66
•
Product Specification (V1.0) 12.01.2006
(This specification is subject to change without further notice)
6.9.3 Programming the Related Registers
When defining TCCX, refer to the operation of its related registers as shown in the
tables below.
TCCX Related Control Registers
:
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x08
IOC80
0
0
CPOUT/0 COS1/0
COS0/0
TCCAEN
/0
TCCATS
/0
TCCATE
/0
0x09
IOC90
TCCBHE
/0
TCCBEN
/0
TCCBTS
/0
TCCBTE
/0
0
TCCCEN
/0
TCCCTS
/0
TCCCTE
/0
0x0A
IR CR
/IOCA0
TCCCSE
/0
TCCCS2
/0
TCCCS1/
0
TCCCS0
/0
IRE/0
HF/0
LGP/0
IROUTE/0
0x0F
IMR
/IOCF0
LPWTE/0 HPWTE/0 TCCCIE/0 TCCBIE/0 TCCAIE/0
EXIE/0
ICIE/0
TCIE/0
Related TCCX Status/Data Registers
:
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0F
ISR/RF
LPWTF/0 HPWTF/0 TCCCIF/0 TCCBIF/0 TCCAIF/0
EXIF/0
ICIF/0
TCIF/0
0x05
TCCA
/IOC51
TCCA7/0 TCCA6/0 TCCA5/0 TCCA4/0 TCCA3/0 TCCA2/0 TCCA1/0 TCCA0/0
0x06
TCCB
/IOC61
TCCB7/0 TCCB6/0 TCCB5/0 TCCB4/0 TCCB3/0 TCCB2/0 TCCB1/0 TCCB0/0
0x07
TCCBH
/IOC71
TCCBH7
/0
TCCBH6
/0
TCCBH5
/0
TCCBH4
/0
TCCBH3
/0
TCCBH2
/0
TCCBH1
/0
TCCBH0
/0
0x08
TCCC
/IOC81
TCCC7/0 TCCC6/0 TCCC5/0 TCCC4/0 TCCC3/0 TCCC2/0 TCCC1/0 TCCC0/0
6.10 Comparator
The EM78P342N/343N
has one comparator
which has two analog
inputs and one output.
The comparator can be
employed to wake up the
system from sleep mode.
The Figure at right shows
the comparator circuit.
Cin -
-
+
CMP
Cin+
CO
Cin+
Cin -
Output
10mV
Fig. 6.15 Comparator Operating Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com