Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P342NP Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78P342NP
Description  8-Bit Microprocessor with OTP ROM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P342NP Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78P342NP Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P342NP Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
EM78P341N/342N/343N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 12.01.2006
• 1
(This specification is subject to change without further notice)
1
General Description
The EM78P341N, EM78P342N and EM78P343N are 8-bit microprocessors designed and developed with low-power and
high-speed CMOS technology. The series have an on-chip 2K
×13-bit Electrical One Time Programmable Read Only
Memory (OTP-ROM). It provides a protection bit to prevent intrusion of user’s OTP memory code. Three Code option bits
are also available to meet user’s requirements.
With enhanced OTP-ROM features, the EM78P341N, EM78P342N and EM78P343N provide a convenient way of
developing and verifying user’s programs. Moreover, this OTP device offers the advantages of easy and effective
program updates, using development and programming tools. User can avail of the ELAN Writer to easily program his
development code.
2
Features
CPU configuration
• 2K×13 bits on chip ROM
• 80×8 bits on chip registers (SRAM)
• 8 level stacks for subroutine nesting
• 4 programmable Level Voltage Detector (LVD) :
4.5V, 4.0V, 3.3V, 2.2V
• 4 programmable Level Voltage Reset (LVR) : 4.0V,
3.5V, 2.7V, 1.8V (POR)
• Less than 1.5 mA at 5V/4MHz
• Typically 15 µA, at 3V/32kHz
• Typically 1 µA, during sleep mode
I/O port configuration
• Three bidirectional I/O ports : P5, P6, P7
• 18 I/O pins
• Wake-up port : P5
• 8 Programmable pull-down I/O pins
• 16 programmable pull-high I/O pins
• 8 Programmable open-drain I/O pins
• External interrupt : P60
Operating voltage range:
• Commercial version:
Operating voltage range: 1.9V~5.5V
• Industrial version:
Operating voltage range: 2.1V~5.5V
Operating temperature range: -40~85°C
• Commercial version:
Operating voltage range: 0°C ~ 70°C
• Industrial version:
Operating voltage range: -40°C ~ 85°C
Operating frequency range:
Main clock
• Crystal mode:
DC ~ 20MHz/2clks @ 4V; DC ~16 MHz/2clks @ 3V
DC ~ 4MHz/2clks @ 1.9V
• ERC mode:
DC ~ 4MHz/2clks @ 5V; DC ~ 4MHz/2clks @ 3V
DC ~ 8MHz/2clks @ 3V; DC ~ 250ns inst. cycle @
3V
• IRC mode:
Oscillation mode : 4MHz, 16MHz, 1MHz, 455kHz
Process deviation : Typ±3%, Max±5%
Temperature deviation : ±10% (-40°C~85°C )
Peripheral configuration
• Easily implemented IR (or infrared remote control)
• 8-bit real time clock/counter (TCC) with selective signal
sources, trigger edges, and overflow interrupt
• 8-bit real time clock/counter (TCCA, TCCC) and 16-bit
real time clock/counter (TCCB) with selective signal
sources, trigger edges, and overflow interrupt
• 8-bit channels Analog-to-Digital Converter with 12-bit
resolution
• One pair of comparators or OP
Seven available interrupts:
• TCC, TCCA, TCCB, TCCC overflow interrupt
• Input-port status changed interrupt (wake-up from
sleep mode)
• External interrupt
• ADC completion interrupt
• IR/PWM interrupt
• Comparator status change interrupt
• Low voltage detect (LVD) interrupt
Special features
• Programmable free running watchdog timer
(4.5ms:18ms)
• Power saving Sleep mode
• Selectable Oscillation mode
• Power-on voltage detector available (1.7 V± 0.1V)
Package type:
• 14-pin DIP 300mil
: EM78P341NP
• 14-pin SOP 150mil
:
EM78P341NM
• 18-pin DIP 300mil
:
EM78P342NP
• 18-pin SOP 300mil
:
EM78P342NM
• 20-pin DIP 300mil
:
EM78P343NP
• 20-pin SOP 300mil
:
EM78P343NM
• 20-pin SSOP 209mil
:
EM78P343NKM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com