Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV4530 Datasheet(PDF) 48 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 44Page - Analog Devices ADMV4530 Datasheet HTML 45Page - Analog Devices ADMV4530 Datasheet HTML 46Page - Analog Devices ADMV4530 Datasheet HTML 47Page - Analog Devices ADMV4530 Datasheet HTML 48Page - Analog Devices ADMV4530 Datasheet HTML 49Page - Analog Devices ADMV4530 Datasheet HTML 50Page - Analog Devices ADMV4530 Datasheet HTML 51Page - Analog Devices ADMV4530 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
Data Sheet
ADMV4530
REGISTER DETAILS
analog.com
Rev. C | 48 of 64
Table 28. Bit Descriptions for REG001A
Bits
Bit Name
Description
Reset
Recommended
Access
[7:6]
RESERVED
Reserved.
0x0
0x0
R/W
[5:0]
MOD2WORD[13:8]
14-Bit Modulus 2 Word. Sets the MOD2 value of N.
0x0
User defined
R/W
Address: 0x01B, Reset: 0x00, Name: REG001B
Table 29. Bit Descriptions for REG001B
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
PHASE_WORD[7:0]
24 Bit Phase Word. Sigma-delta phase seed word. For best spur performance set the
value of PHASE_WORD = 8,388,617.
0x0
0x09
R/W
Address: 0x01C, Reset: 0x00, Name: REG001C
Table 30. Bit Descriptions for REG001C
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
PHASE_WORD[15:8]
24 Bit Phase Word. Sigma-delta phase seed word. For best spur performance set
the value of PHASE_WORD = 8,388,617.
0x0
0x00
R/W
Address: 0x01D, Reset: 0x00, Name: REG001D
Table 31. Bit Descriptions for REG001D
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
PHASE_WORD[23:16]
24 Bit Phase Word. Sigma-delta phase seed word. For best spur performance set
the value of PHASE_WORD = 8,388,617.
0x0
0x80
R/W
Address: 0x01E, Reset: 0x00, Name: REG001E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com