Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV4530 Datasheet(PDF) 64 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 56Page - Analog Devices ADMV4530 Datasheet HTML 57Page - Analog Devices ADMV4530 Datasheet HTML 58Page - Analog Devices ADMV4530 Datasheet HTML 59Page - Analog Devices ADMV4530 Datasheet HTML 60Page - Analog Devices ADMV4530 Datasheet HTML 61Page - Analog Devices ADMV4530 Datasheet HTML 62Page - Analog Devices ADMV4530 Datasheet HTML 63Page - Analog Devices ADMV4530 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 64 / 64 page
background image
Data Sheet
ADMV4530
OUTLINE DIMENSIONS
©2020-2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. C | 64 of 64
6.10
6.00
5.90
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
10
11
20
21
30
31
40
0.50
BSC
0.275
BSC
0.165
BSC
0.750
BSC
4.50 REF
SQ
4.77 BSC
0.40
0.35
0.30
0.32
0.27
0.22
0.312
0.282
0.252
0.52
0.45
0.38
0.81 MAX
0.73 NOM
2.22 BSC
SQ
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1.06 BSC
SQ
PIN 1
INDICATOR
PIN 1
CORNER AREA
SEATING
PLANE
Figure 100. 40-Terminal Land Grid Array [LGA]
(CC-40-8)
Dimensions shown in millimeters
Updated: May 02, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
ADMV4530BCCZ
−40°C to +85°C
40-terminal LGA (6 mm × 6mm)
CC-40-8
ADMV4530BCCZ-RL7
−40°C to +85°C
40-terminal LGA (6 mm × 6mm)
Reel, 750
CC-40-8
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
ADMV4530IF-EVALZ
IF Mode Evaluation Board
ADMV4530IQ-EVALZ
I/Q Mode Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com