Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV4530 Datasheet(PDF) 63 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 56Page - Analog Devices ADMV4530 Datasheet HTML 57Page - Analog Devices ADMV4530 Datasheet HTML 58Page - Analog Devices ADMV4530 Datasheet HTML 59Page - Analog Devices ADMV4530 Datasheet HTML 60Page - Analog Devices ADMV4530 Datasheet HTML 61Page - Analog Devices ADMV4530 Datasheet HTML 62Page - Analog Devices ADMV4530 Datasheet HTML 63Page - Analog Devices ADMV4530 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
Data Sheet
ADMV4530
REGISTER DETAILS
analog.com
Rev. C | 63 of 64
Table 72. Bit Descriptions for REG0116
Bits
Bit Name
Description
Reset
Recommended
Access
[7:4]
RESERVED
Reserved.
0x0
0x0
R/W
[3:0]
IF_FILTER
IF Second Harmonic Filter
0x0
0x0
R/W
0000: ~6.75 GHz
0001: ~6.50 GHz
0010: ~6.25 GHz
0011: ~6.00 GHz
0100: ~5.75 GHz
0101: ~5.50 GHz
0110: ~5.25 GHz
0111: ~5.00 GHz
1000: ~4.75 GHz
1001: ~4.50 GHz
Address: 0x117, Reset: 0x4C, Name: REG0117
Table 73. Bit Descriptions for REG0117
Bits
Bit Name
Description
Reset
Recommended
Access
[7:6]
REG_PAGE_SEL
Register Map Page Select
0x1
PLL: 0x0,
R/W
0: read from Register 0x010 to Register 0x07C (the PLL section)
mixer: 0x1
1: read from Register 0x000 to Register 0x00D or Register 0x100 to Register 0x119 (the
mixer section)
[5:0]
RESERVED
Reserved
0xC
0xC
R/W
Address: 0x119, Reset: 0x08, Name: REG0119
Table 74. Bit Descriptions for REG0119
Bits
Bit Name
Description
Reset
Recommended
Access
[7:6]
RESERVED
Reserved.
0x0
0x0
R/W
5
START_POLY_CAL
Start Poly Resistor Calibration
0x0
0x0
R/W
0: disable
1: enable
4
CAL_POLY_EN
Poly Resistor Calibration Enable
0x0
0x0
R/W
0: disable
1: enable
[3:0]
RESERVED
Reserved
0x8
0x8
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com