Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-CM403CSWZ-CF Datasheet(PDF) 16 Page - Analog Devices

Part # ADSP-CM403CSWZ-CF
Description  Mixed-Signal Control Processor with ARM Cortex-M4 and 16-Bit ADCs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-CM403CSWZ-CF Datasheet(HTML) 16 Page - Analog Devices

Back Button ADSP-CM403CSWZ-CF Datasheet HTML 12Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 13Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 14Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 15Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 16Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 17Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 18Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 19Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 124 page
background image
Rev. A
|
Page 16 of 124
|
November 2015
ADSP-CM402F/CM403F/CM407F/CM408F/CM409F
Full-On Operating Mode—Maximum Performance
In the full-on mode, the PLL is enabled and is not bypassed,
providing capability for maximum operational frequency. This
is the execution state in which maximum performance can be
achieved. The processor core and all enabled peripherals run at
full speed.
For more information about PLL controls, see the “Dynamic
Power Management” chapter in the ADSP-CM40x Mixed-Signal
Control Processor with ARM Cortex-M4 Hardware Reference.
Deep Sleep Operating Mode—Maximum Dynamic Power
Savings
The deep sleep mode maximizes dynamic power savings by dis-
abling the clocks to the processor core and to all synchronous
peripherals. Asynchronous peripherals may still be running but
cannot access internal resources or external memory.
Voltage Regulation for VDD_INT
The internal voltage VDD_INT to the ADSP-CM40xF proces-
sors can be generated either by using an on-chip voltage
regulator or by an external voltage regulator.
The VDD_INT of 1.2 V can be generated using the external I/O
supply VDD_VREG of 3.3 V, which is then used to generate
VDD_INT of 1.2 V. Figure 9 shows the external components
required to complete the power management system for proper
operation. For more details regarding component selection,
refer to (EE-361) ADSP-CM40x Power Supply Transistor Selec-
tion Guidelines (www.analog.com/ee-361).
The internal voltage regulator can be bypassed and VDD_INT
can be supplied using an external regulator. When an external
regulator is used, VDD_VREG and VREG_BASE must be tied
to ground for zero current consumption.
Reset Control Unit (RCU)
Reset is the initial state of the whole processor or of the core and
is the result of a hardware or software triggered event. In this
state, all control registers are set to their default values and func-
tional units are idle. Exiting a core only reset starts with the core
being ready to boot.
The reset control unit (RCU) controls how all the functional
units enter and exit reset. Differences in functional require-
ments and clocking constraints define how reset signals are
generated. Programs must guarantee that none of the reset
functions puts the system into an undefined state or causes
resources to stall.
From a system perspective reset is defined by both the reset tar-
get and the reset source as described below.
Target defined:
• Hardware Reset—All functional units are set to their
default states without exception. History is lost.
• System Reset—All functional units except the RCU are set
to their default states.
Source defined:
• Hardware Reset—The SYS_HWRST input signal is
asserted active (pulled down).
• System Reset—May be triggered by software (writing to the
RCU_CTL register) or by another functional unit such as
the dynamic power management (DPM) unit or any of the
system event controller (SEC), trigger routing unit (TRU),
or emulator inputs.
• Trigger request (peripheral).
SYSTEM DEBUG UNIT (SDU)
The processor includes various features that allow for easy sys-
tem debug. These are described in the following sections.
JTAG Debug and Serial Wire Debug Port (SWJ-DP)
SWJ-DP is a combined JTAG-DP and SW-DP that enables
either a serial wire debug (SWD) or JTAG probe to be con-
nected to a target. SWD signals share the same pins as JTAG.
There is an auto detect mechanism that switches between
JTAG-DP and SW-DP depending on which special data
sequence is used the emulator pod transmits to the JTAG
pins.The SWJ-DP behaves as a JTAG target if normal JTAG
sequences are sent to it and as a single wire target if the SW_DP
sequence is transmitted.
Embedded Trace Macrocell (ETM) and Instrumentation
Trace Macrocell (ITM)
The ADSP-CM40xF processors support both embedded trace
macrocell (ETM) and instrumentation trace macrocell (ITM).
These both offer an optional debug component that enables log-
ging of real-time instruction and data flow within the CPU core.
This data is stored and read through special debugger pods that
have the trace feature capability. The ITM is a single-data pin
feature and the ETM is a 4-data pin feature.
System Watchpoint Unit (SWU)
The system watchpoint unit (SWU) is a single module which
connects to a single system bus and provides for transaction
monitoring. One SWU is attached to the bus going to each
system slave. The SWU provides ports for all system bus address
channel signals. Each SWU contains four match groups of
Figure 9. Internal Voltage Regulator Circuit
V
DD_VREG
STD2805T4
1K
V
REG_BASE
V
DD_INT
3.3V
10 - 220μF
0.1μF
V
DD_VREG
STD2805T4
1K
V
REG_BASE
V
DD_INT
3.3V
10 - 220μF
0.1μF
V
DD_VREG
STD2805T4
1K
V
REG_BASE
V
DD_INT
3.3V
10 - 220μF
0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com