Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-CM403CSWZ-CF Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-CM403CSWZ-CF
Description  Mixed-Signal Control Processor with ARM Cortex-M4 and 16-Bit ADCs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-CM403CSWZ-CF Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-CM403CSWZ-CF Datasheet HTML 17Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 18Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 19Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 20Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 21Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 22Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 23Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 24Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
Rev. A
|
Page 21 of 124
|
November 2015
ADSP-CM402F/CM403F/CM407F/CM408F/CM409F
USB_ID
Input
USB OTG ID. Senses whether the controller is a host or device. This signal is pulled low when an A-type plug
is sensed (signifying that the USB controller is the A device), but the input is high when a B-type plug is sensed
(signifying that the USB controller is the B device).
USB_VBC
Output
USB VBUS Control. Controls an external voltage source to supply VBUS when in host mode. May be configured
as open drain. Polarity is configurable as well.
USB_VBUS
I/O
USB Bus Voltage. Connects to bus voltage in host and device modes.
VREFn
I/O
Voltage Reference for ADC. When internal reference is selected for ADC, the VREF pin is used for connecting
bypass caps. When external reference is selected, an external reference device should be connected to these
pins to supply the external reference voltage. n=0,1.
VREG_BASE
Output
Voltage Regulator Base Node. Connected to Base of PNP transistor when using internal VDD_INT reference.
Table 6. ADSP-CM40xF Detailed Signal Description (Continued)
Signal Name
Direction Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com