Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF2484 Datasheet(PDF) 58 Page - OSRAM GmbH

Part # DF2484
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DF2484 Datasheet(HTML) 58 Page - OSRAM GmbH

Back Button DF2484 Datasheet HTML 54Page - OSRAM GmbH DF2484 Datasheet HTML 55Page - OSRAM GmbH DF2484 Datasheet HTML 56Page - OSRAM GmbH DF2484 Datasheet HTML 57Page - OSRAM GmbH DF2484 Datasheet HTML 58Page - OSRAM GmbH DF2484 Datasheet HTML 59Page - OSRAM GmbH DF2484 Datasheet HTML 60Page - OSRAM GmbH DF2484 Datasheet HTML 61Page - OSRAM GmbH DF2484 Datasheet HTML 62Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
57
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
5.1.4 Dimming
Reducing the lamp current below the minimum value specified in 5.1.3 can be used
to reduce the luminous flux of the lamp appreciably below its rated value, thereby
dimming the lamp. Please note the following:
-
The lamp electrodes must be maintained at emission temperature by a continous
heating current.
-
The lamp voltage at lower discharge current is generally higher than the rated
value.
-
The chromaticity coordinate of the light colour may deviate from its specified
value.
In the interest of maximising lamp life, the auxiliary heating current must be matched
to the lamp current. If the auxiliary heating current is too low, the lamp electrodes will
very quickly be destroyed by sputtering. A constant heating current that is too high
will result in excessive emitter evaporisation which leads to end blackening.
Generally speaking, it is not easy to measure the continuous heating current when the
lamp is being operated on an electronic control gear because the current is fed to the
electrodes in the lamp via the two lead wires in a split that depends on the design of
the control gear, and because the lamp current and the auxiliary heating current may
differ in phase, curve shape and frequency. Therefore it is not reasonable to specify
the necessary auxiliary heating current as a function of the lamp current.
The important variable for electrode heating is the electrical heating power Pheat fed
to the electrode. As
PHeat = PLamp current + PHeating current = f (I
2
d , I
2
Heat)
≈ f (I2d + I2Heat)
or
PHeat
≈ f (I2Pin 1 + I2Pin 2)
the necessary auxiliary heating current can also be specified as a function of lamp
current by indicating the total of I
2
Pin 1 + I
2
Pin 2, where IPin 1 and IPin 2 are the two pin
currents at an electrode in the lamp. IPin 1 and IPin 2 can be easily measured on elec-
tronic control gear.
As the diagram above shows, there is an ideal target setting for the sum of the squa-
res of the two pin currents at which the lamp life will be at it’s optimum. If the sum of
the squares of the pin currents decreases, sputtering will occur at the electrodes and
5. Data for control gear manufacturers
Life
Target
End
blackening
I
2
+
I
2
pin 1
pin 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com