Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF2484 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # DF2484
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DF2484 Datasheet(HTML) 4 Page - OSRAM GmbH

  DF2484 Datasheet HTML 1Page - OSRAM GmbH DF2484 Datasheet HTML 2Page - OSRAM GmbH DF2484 Datasheet HTML 3Page - OSRAM GmbH DF2484 Datasheet HTML 4Page - OSRAM GmbH DF2484 Datasheet HTML 5Page - OSRAM GmbH DF2484 Datasheet HTML 6Page - OSRAM GmbH DF2484 Datasheet HTML 7Page - OSRAM GmbH DF2484 Datasheet HTML 8Page - OSRAM GmbH DF2484 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
The first compact fluorescent lamps (CFLs) appeared on the European market at the
start of the 1980s. Today, compact fluorescent lamps are available in an extremely
wide range of models. They have had a significant and lasting effect on luminaire
design and lighting applications.
Compact fluorescent lamps can be divided into two main groups:
lamps with pin bases and
lamps with screw bases
Lamps with E27 and E14 screw bases and integrated control gear (electronic or conven-
tional) are available in wattages from 3 to 24 W and constitute a separate family of lamps.
Lamps of this type are the OSRAM DULUX® EL and CIRCOLUX® EL lamps. These ran-
ges are intended as direct replacements for ordinary light bulbs. For detailed technical
information on these lamps, please refer to the brochure entitled „OSRAM DULUX® EL
Electronic Energy-Saving Lamps – Facts and Technical Data“.
This present guide, however, takes a detailed look at lamps with pin bases.
OSRAM’s compact fluorescent lamps with pin bases marketed under the
OSRAM DULUX® brand name are available in wattages from 5 to 80 W with luminous
flux values of 250 to 6000 lm. This range of values covers a broad spectrum of lamps,
including incandescents, fluorescents and HID lamps, with a wide variety of appli-
cations.
Lamps with pin bases have a history of constant development, from the single-turn
OSRAM DULUX® S models to the latest OSRAM DULUX® T versions with their innova-
tive triple-turn tubes. The development of different shapes and wattages has led to
many different types of luminaire for indoor and outdoor lighting. The list includes
recessed and surface-mounted luminaires for shops and offices, floor-standing lights,
indirect luminaires, workplace and desktop lighting, security lighting, pictogram illumi-
nation, street lighting, solar luminaires and downlights. For downlights in particular,
pin-based lamps have been instrumental in determining their design, as each succes-
sive round of development has produced increasingly shorter lamps of greater light
output.
Compact fluorescent lamps from OSRAM, which offer impressive economy thanks to a
luminous efficacy of up to 85 lm/W and a lamp life of up to 8000 or 10000 hours depen-
ding on the operating mode, are available not only in a wide range of types but also in
different light colours. These light colours are classified in colour rendering groups 1B
(Ra 80 to 89) and 1A (Ra 90 to 100). The range also includes various models for special
applications in medicine, cosmetics and technology.
The following sections present the range of pin-based lamps, their properties, the
necessary accessories accompanied by notes on luminaire design, lamp applications
and measurement.
1. General
3
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
1
General
1.1
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com