Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF2484 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # DF2484
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DF2484 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button DF2484 Datasheet HTML 19Page - OSRAM GmbH DF2484 Datasheet HTML 20Page - OSRAM GmbH DF2484 Datasheet HTML 21Page - OSRAM GmbH DF2484 Datasheet HTML 22Page - OSRAM GmbH DF2484 Datasheet HTML 23Page - OSRAM GmbH DF2484 Datasheet HTML 24Page - OSRAM GmbH DF2484 Datasheet HTML 25Page - OSRAM GmbH DF2484 Datasheet HTML 26Page - OSRAM GmbH DF2484 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
2. Lamp data
22
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
2.3.2 Colour
specifications
The following table shows the various light colours in which OSRAM DULUX® lamps
are available, together with their principal colour parameters:
Light
Colour
Colour
Colour
colour
tempe-
rendering
rendering
rature
group
index (CRI)
Reference
K
DIN 5035
Ra
LUMILUX®
860
LUMILUX® Daylight
6000
1B
≥ 80
840
LUMILUX® Cool White
4000
1B
≥ 80
830
LUMILUX® Warm White
3000
1B
≥ 80
827
LUMILUX INTERNA®
2700
1B
≥ 80
LUMILUX® DE LUXE
950
LUMILUX® DE LUXE Daylight
5400
1A
≥ 90
940
LUMILUX® DE LUXE Cool White
3800
1A
≥ 90
930
LUMILUX® DE LUXE Warm White
3000
1A
≥ 90
Special light colours1)
60
Red
-
-
-
66
Green
-
-
-
67
Blue
-
-
-
1)
Lamps with chromaticity coordinates that do not lie in the vicinity of the reference radiators (Judd lines; see
CIE calculation method) cannot, by definition, be assigned a colour temperature and hence cannot be assigned
a colour rendering index.
OSRAM DULUX® compact fluorescent lamps are available in LUMILUX® and
LUMILUX® DE LUXE light colours. The most economical lighting is achieved with
LUMILUX®. These light colours fall into colour rendering group 1B, which means they
are ideal for most applications (including office and shop lighting, hotel and restaurant
lighting, living rooms and outdoors). In places where colour rendering is a particular
important factor (art galleries, museums, laboratories and graphical trades, for exam-
ple), OSRAM DULUX® lamps are also supplied in LUMILUX® DE LUXE light colours.
As group 1A lamps, these offer the best colour rendering. However, because their
luminous flux is lower than their LUMILUX® counterparts, more lamps are needed to
achieve the same lighting level.
Ultimately, the choice of light colour depends on the specific application, room con-
ditions and personal preference.
2.3.3 Chromaticity
coordinates
tolerance fields
Chromaticity coordinate tolerance fields are ellipses in the chromaticity table which
represent the permissible range for the relevant light colour.
The tolerances are five threshold units for all light colours (LUMILUX®, LUMILUX® DE
LUXE).
A threshold unit represents the minimum perceivable difference in colour between two
lamps (see also IEC 60901 and IEC 60081).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com