Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF2484 Datasheet(PDF) 61 Page - OSRAM GmbH

Part # DF2484
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DF2484 Datasheet(HTML) 61 Page - OSRAM GmbH

Back Button DF2484 Datasheet HTML 57Page - OSRAM GmbH DF2484 Datasheet HTML 58Page - OSRAM GmbH DF2484 Datasheet HTML 59Page - OSRAM GmbH DF2484 Datasheet HTML 60Page - OSRAM GmbH DF2484 Datasheet HTML 61Page - OSRAM GmbH DF2484 Datasheet HTML 62Page - OSRAM GmbH DF2484 Datasheet HTML 63Page - OSRAM GmbH DF2484 Datasheet HTML 64Page - OSRAM GmbH DF2484 Datasheet HTML 65Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
60
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
5. Data for control gear manufacturers
5.2
Conventional
operation
5.2.1 Conventional
operation
220 V, 230 V and
240 V / 50 Hz
The following table shows the data for conventional control gear for
OSRAM DULUX® lamps.
Preheating
Ignition
Lamp
Impedance
Rated prehea- Preheating
Substitution
Open-circuit voltage
Ω1)
ting current
current
resistance2)
mA
Ω
DULUX®
At
At
At
Rated value
min
max
At
At
At
220
230
240
max
220
230
240
at
mA
mA
220
230
240
V
V
V
VPeak
V
V
V
220/230/240
V
V
V
min
min
min
Vrms
Vrms
Vrms
DS 5 W
1180
1240
1300
190
190
153
240
160
160
160
198
207
216
400
DS 7 W
1180
1240
1300
190
190
153
240
160
160
160
198
207
216
400
DS 9 W
1180
1240
1300
190
190
153
240
160
160
160
198
207
216
400
DS 11 W
1180
1240
1300
190
190
153
240
160
160
160
198
207
216
400
2 x DS 5 W
1070
1140
1210
190
190
153
240
320
320
320
198
207
216
400
2 x DS 7 W
1070
1140
1210
190
190
153
240
320
320
320
198
207
216
400
2 x DS 9 W
1070
1140
1210
190
190
153
240
320
320
320
198
207
216
400
DD 10 W
1070
1140
1210
210
210
153
275
100
100
100
198
207
216
440
DD 13 W
1070
1140
1210
210
210
153
275
100
100
100
198
207
216
440
DD 18 W
800
845
900
280
280
190
375
80
80
80
198
207
216
440
DD 26 W
540
571
610
420
420
270
550
25
25
25
198
207
216
440
DT 13 W
3)
1070
1140
1210
210
210
153
275
100
100
100
198
207
216
440
DT 18 W
3)
800
845
900
280
280
190
375
80
80
80
198
207
216
440
DT 26 W
3) 4)
540
571
610
420
420
270
550
25
25
25
198
207
216
440
DL 18 W
540
568
600
510
510
315
670
50
50
50
198
207
216
400
DL 24 W
540
568
600
510
510
315
670
50
50
50
198
207
216
400
DL 36 W
390
419
447
650
650
365
775
40
40
40
198
207
216
400
2 x DL 18 W
390
419
447
540
510
315
670
80
100
100
198
207
216
400
DF 18 W
540
568
600
510
510
315
670
50
50
50
198
207
216
400
DF 24 W
540
568
600
510
510
315
670
50
50
50
198
207
216
400
DF 36 W
390
419
447
650
650
365
775
40
40
40
198
207
216
400
2 x DF 18 W
390
419
447
540
510
315
670
80
100
100
198
207
216
400
1)
For the calibration current of the reference control gear (see 2.2.2 and 2.2.3) Tolerance ± 3%.
2)
Substitution resistance of both electrodes connected in series.
3)
Control gear for OSRAM DULUX
® D 13, 18 and 26 W can also be used to operate OSRAM DULUX® T 13, 18 and 26 W.
4)
Also for IN model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com