Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF2484 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # DF2484
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DF2484 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button DF2484 Datasheet HTML 5Page - OSRAM GmbH DF2484 Datasheet HTML 6Page - OSRAM GmbH DF2484 Datasheet HTML 7Page - OSRAM GmbH DF2484 Datasheet HTML 8Page - OSRAM GmbH DF2484 Datasheet HTML 9Page - OSRAM GmbH DF2484 Datasheet HTML 10Page - OSRAM GmbH DF2484 Datasheet HTML 11Page - OSRAM GmbH DF2484 Datasheet HTML 12Page - OSRAM GmbH DF2484 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
1. General
8
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
To this figure must be added the savings in relamping costs. An OSRAM DULUX® lamp
used with conventional control gear will last around eight times as long as an incan-
descent lamp, and around ten times as long if it is operated with electronic control
gear. The extra cost of purchasing an OSRAM DULUX® lamp will be offset by reduced
electricity costs after as little as 1000 hours of operation, depending on the wattage.
Cost/benefit analyses can also be carried out with the OSRAM ECOS program (see
OSRAM Lighting Programme on CD-ROM).
1.3
Economy
Compared with incandescent lamps of similar luminous flux, OSRAM DULUX® lamps
consume only one quarter to one fifth of the electrical energy.
OSRAM DULUX® lamps are particularly economical in applications where the lamps
remain switched on for long periods. The following table shows the clear cost savings:
Lamp
OSRAM
OSRAM
Incandescent
DULUX® T/E 18 W
DULUX® T 18 W
lamp
Lamp wattage
18 W
18 W
100 W
CCG losses
-
6 W
-
ECG losses
2 W
1)
--
Total wattage
20 W
1)
24 W
100 W
Luminous flux
1.150 lm
1)
1.200 lm
1.380 lm
Lamp life
10.000 h
8.000 h
1.000 h
(average life for a 3 h
switching cycle)
Hours burned
8.000 h
8.000 h
8 x 1.000 h
Power consumption
160 kWh
192 kWh
800 kWh
during 8.000 hours of operation
Electricity costs at
€ 0,13/kWh
€ 20,80
€ 24,96
€ 104,00
8.000 h
Savings over the life of one
OSRAM DULUX® lamp:
8.000 h
€ 83,20
€ 79,40
1)
Operated on QT-T/E 1 x 18/230-240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com